Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM521 Datasheet(PDF) 10 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM521
Description  Bluetooth Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM521 Datasheet(HTML) 10 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM521 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
http://www.buddies-tech.com
BTM521 DATASHEET
10
strength internal pull-up/down
21
PIO_4
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
22
PIO_5
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
23
VBUS
Charger input
Lithium ion/polymer battery charger input
(4.5V~6.5V)
24
PWR
Analogue
Take high to enable high-voltage linear
regulator and switch-mode regulator
25
GND
Ground
Digital Ground
26
SPI_MISO
CMOS output, tri-state, with weak
internal pull-down
SPI data output
27
SPI_CSB
Input with weak internal pull-up
Chip select for Serial Peripheral Interface
(SPI),active low
28
SPI_CLK
Input with weak internal pull-down SPI clock
29
SPI_MOSI
CMOS input, with weak internal
pull-down
SPI data input
30
Reset
Input with weak internal pull-up
Input debounced so must be low for >5ms to
cause a reset.
31
PIO_9
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
32
PIO_3
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
33
PIO_2
Bi-directional with programmable
strength internal pull-up/down
Programmable input/output line
34
NC
NC
NC
35
VBAT
VDD
Positive supply for BT Module(3.3V~4.2V)
36
GND
Ground
Digital Ground
37
RF_IO
RF
RF out
38
GND
Ground
Digital Ground
39
GND
Ground
Digital Ground
40
NC
NC
NC
41
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com