Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMA104J016Z01B Datasheet(PDF) 2 Page - Vatronics Technologies Limited

Part # VCMA104J016Z01B
Description  Ceramic Multilayer Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VCMA104J016Z01B Datasheet(HTML) 2 Page - Vatronics Technologies Limited

  VCMA104J016Z01B Datasheet HTML 1Page - Vatronics Technologies Limited VCMA104J016Z01B Datasheet HTML 2Page - Vatronics Technologies Limited VCMA104J016Z01B Datasheet HTML 3Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ceramic capacitors,ceramic capacitor,monolithic capacitors,monolithic capaci...pacitors,multilayer ceramic capacitors,ceramic capacitors,ceramic capacitor,
Vatronics Axial Type Size,Capacitance and Voltage
Size
Dimensions(mm)
Voltage
Capacitance(PF)
Lmax
Dmax
F
d
COG(NPO)
X7R
Y5V(Z5U)
17
4.3
2.5
5.0
10
0.45
25V
0R5~332
331~104
103~105
50V
0R5~222
331~473
103~684
100V
0R5~102
331~223
•
20
5.1
3
7.5
10
0.45
25V
0R5~472
102~224
103~125
50V
0R5~392
102~104
103~105
100V
0R5~152
102~683
•
•
Vatronics General Specification:
•
(NPO,COG)
(X7R)
(Y5V,Z5U)
Capacitance Range
0.5pF~104
221~225
103~106
Capacitance Tolerance
B=±0.1pF
C=±0.25pF
K=±10%
M=±20%
D=±0.5pF
F=±1%
M=±20%
S=+50%~-20%
G=±2%
J=±5%
S=+50%~-20%
Z=+80%~-20%
K=±10%
M=±20%
•
P=+100%~0
B,C,D for C <10pF
•
•
Rated Voltage
16,25, 50, 63, 100,200,500,1000,2000 VDC
16,25,50,100 VDC
Dissipation Factor(DF)
0.15%Max
2.5%Max
5.0%Max
(20•,1MHZ,1VDC)
(20•,1KHZ,1VDC)
(20•,1KHZ,0.3VDC)
Insulation Resistance
C
≤10nF
IR≥10000MΩ
C
≤25nF
IR≥4000MΩ
C•10nF
IR>500Ω.F
C•25nF
C×R>100
ΩF
Dielectric With Standing Voltage
There shall be no evidence of damage or flash over during the test.
Termination adhesion strength
There shall be no evidence of damage or flash over during the test.
Bending Strength
There shall be no evidence of damage or flash over during the test, capacitance tolerance shall
be not more than 10%.
Solderability
Time:
2±1s
Temp.:
235±5•
Cover:
≥ 95%
Resistance to
Soldering Heat
Time:
5±1s
Temp.:
265±5•
Cover:
≥ 95%
•C/C:
≤0.5% or 0.5pF
≤-5% ~ +10%
≤-10% ~ +20%
Temperature cycling
•C/C:
≤1%
≤± 10%
≤±30%
Outlook:
There shall be no evidence of damage or flash over during the test.
Humidity Moisture
Resistance
•C/C:
≤2%
≤10%
≤20%
DF
0.003
0.05
0.07
IR
R×C>25s
Outlook:
There shall be no evidence of damage or flash over during the test.
T.C. Characteristics
(•C/C)
±30ppm/•
±15%
Z5U(E)
+22~-56%
Y5V(F)
+22~-82%
Vibration
Outlook:
There shall be no evidence of damage or flash over during the test.
file:///C|/index/VCM.htm (2 / 3) [2003-12-17 13:34:34]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com