Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROVISION2 Datasheet(PDF) 7 Page - MKS Instruments.

Part # MICROVISION2
Description  Stability, Accuracy and Speed The RGA your process can rely on
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

MICROVISION2 Datasheet(HTML) 7 Page - MKS Instruments.

  MICROVISION2 Datasheet HTML 1Page - MKS Instruments. MICROVISION2 Datasheet HTML 2Page - MKS Instruments. MICROVISION2 Datasheet HTML 3Page - MKS Instruments. MICROVISION2 Datasheet HTML 4Page - MKS Instruments. MICROVISION2 Datasheet HTML 5Page - MKS Instruments. MICROVISION2 Datasheet HTML 6Page - MKS Instruments. MICROVISION2 Datasheet HTML 7Page - MKS Instruments. MICROVISION2 Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications
Microvision 2
Analyzers
double
(standard configuration)
5” Single
triple
ranges, amu
100, 200, 300
100, 200
1-6, 100, 200, 300
Max. operating
pressure
7.6e-5 Torr (1e-4 mbar)
7.6e-5 Torr (1e-4 mbar)
7.6e-5 Torr (1e-4 mbar)
ion source sensitivity
2e-4 A/mbar
2e-4 A/mbar
2e-4 A/mbar
Min. detectable partial
pressure, open ion source
3 standard deviations of baseline
noise at 300ms integration
3 standard deviations of base-
line noise at 300ms integration
3 standard deviations of base-
line noise at 300ms integration
Faraday
1.5e-11 Torr (2e-11 mbar)
1.5e-11 Torr (2e-11 mbar)
1.5e-11 Torr (2e-11 mbar)
Microchannel plate
3.8e-14 Torr (5e-14 mbar)
3.8e-14 Torr (5e-14 mbar)
3.8e-14 Torr (5e-14 mbar)
Single channel eM
n/a
n/a
7.6e-15 Torr (1e-14 mbar)
bakeout temperature
250°C (with extender or
electronics removed)
250°C (with extender or
electronics removed)
250°C (with extender or
electronics removed)
operating temperature
•200°C(Faradayonlywith
electronics at 10-40°C)
•150°C(multiplierdetectionwith
electronics 10-40°C and
pressure <1e-8 mbar)
•90°C(multiplierdetectionwith
electronics 10-40°C and
pressure <1e-5 mbar)
•200°C(Faradayonlywith
electronics at 10-40°C)
•150°C(multiplierdetection
with electronics 10-40°C and
pressure <1e-8 mbar)
•90°C(multiplierdetectionwith
electronics 10-40°C and
pressure <1e-5 mbar)
•200°C(Faradayonlywith
electronics at 10-40°C)
•150°C(multiplierdetection
with electronics 10-40°C and
pressure <1e-8 mbar)
•90°C(multiplierdetectionwith
electronics 10-40°C and
pressure <1e-5 mbar)
Filament materials
Tungsten or Thoria coated Iridium
Tungsten or Thoria coated
Iridium
Tungsten or Thoria coated
Iridium
uhV ion source
Option
Standard
Option
uhV out-gassing rate
<1e-9 mbar -l/s
<1e-9 mbar -l/s
<1e-9 mbar -l/s
pVd ion source
Option
n/a
Option
cross beam ion source
Option
n/a
Option
resolution
Better than 10% valley for peaks of
equal height across mass range
Better than 10% valley for
peaks of equal height across
mass range
Better than 10% valley for
peaks of equal height across
mass range
peak position drift
±0.1 amu over 8 hours at stable
flange temperature
±0.1 amu over 8 hours at
stable flange temperature
±0.1 amu over 8 hours at
stable flange temperature
Zero blast effect at mass 2
(closed ion source)
<5 ppm baseline levels next to
mass 2
n/a
<5 ppm baseline levels next to
mass 2
Flange fitting
DN 40 CF-F
DN 40 CF-F
DN 40 CF-F
compliance
CE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com