Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VISION2000-C Datasheet(PDF) 2 Page - MKS Instruments.

Part # VISION2000-C
Description  RGA FOR CVD AND ETCH PROCESSES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

VISION2000-C Datasheet(HTML) 2 Page - MKS Instruments.

  VISION2000-C Datasheet HTML 1Page - MKS Instruments. VISION2000-C Datasheet HTML 2Page - MKS Instruments. VISION2000-C Datasheet HTML 3Page - MKS Instruments. VISION2000-C Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
The Vision 2000-C and Vision 2000-E incorporate the
“smart head” RGA technology of the Microvision 2 with
a closed ion source and close-coupled inlet. This state-
of-the-art RGA technology is integrated with Process
Eye Professional control platform, a recipe based, user-
configurable software program. The combination of
closed ion source and automated inlet allows seamless
monitoring of the complete CVD or Etch process cycle,
from base vacuum to process pressures of up to 700 Torr.
By maximizing the ratio between CVD or Etch chamber
gas signals and the gas background in the differentially
pumped Vision 2000-C and Vision 2000-E analyzer
housing, the closed ion source enables ppm-level detection
for trace contaminants in the process gas. The closed ion
source analyzer is manufactured from vacuum prepared
stainless steel and high density alumina ceramics, and
features independently replaceable twin filaments to
provide built-in backup in the event of a filament failure.
The standard system includes a double filter analyzer for
increased sensitivity of higher mass species, contamination
resistance and enhanced long-term stability.
Each Vision 2000-C and Vision 2000-E system
incorporates a Remote Vacuum Controller (RVC) module
that provides fail-safe protection for both the process tool
and the RGA. It allows full operation and control of RGA
system components (filaments, pumps, inlet valves, bake-
out, etc.) from the system PC. The compact, remotely-
mounted rack module includes the RVC and power
supplies. The unit is easily mounted onto any standard
19” tool rack for mounting on a process chamber or other
compatible location. Thirty three foot (10 m) cables are
included as standard so that the probe assembly can be
located in a remote position.
Mobile RGA Platform
Any Vision 2000-C or Vision 2000-E can be mounted on a
mobile RGA platform with the convenience of being able
to move the RGA easily between chambers as the need
arises. The mobile platform has an integrated laptop table
and mounts the electronics on the trolley. Using a standard
ten foot (3m) cable loom the platform can be conveniently
located away from the RGA mounting point on the tool
chamber.
UniBlocTM Inlet Valve
The exclusive fast response UniBlocTM inlet valve allows
sampling at both background and process pressure
through orifices selected for the pressures to be
encountered. When not sampling, both the valve and
analyzer are automatically isolated from the process
chamber and purged with inert gas. Purging is done
through the mass spectrometer pumping systems, not
through the process chamber. Purging is also used
during bake-out, reducing initial startup time and residual
background recovery time. For sampling up to 10 Torr, a
special 4-valve UniBloc is available for bypass pumping
to facilitate the faster transfer of sample gas to the inlet,
thereby optimizing inlet response time. Above 10 Torr,
the 4-valve configuration is always used. The inlet valve
is operated by integrated electronics and controlled via
recipes from Process Eye Professional. The required valve
selection is made automatically by a gas independent
pressure sensor in the UniBloc inlet which also provides
a readout of the process chamber total pressure in the
Process Eye Professional software.
Computer-aided design was utilized to engineer the
Unibloc to have minimal internal volumes and surface
areas. The internal seals are Kel-F® for compatibility with
CVD and Etch process gases. The external seals are all
metal. A conformal heating jacket provides temperature
control to minimize deposition within the valve and to
maintain mobility of sticky/polar gases through the inlet.
Process Eye™ Professional Control Platform
The Vision 2000-C/E analyzer uses Process Eye
Professional, a highly flexible, modular application
operating under 32bit or 64bit Windows XP, Vista, Server
2008 or Windows 7. Designed with a “client/server”
structure, Process Eye Professional incorporates TCP/IP
protocol for full network compatibility.
Creating process recipes is made easy by the Recipe
Wizard function, which allows customized warnings and
alarm levels, triggered whenever the process exceeds
preset levels. The Process Eye Professional recipes also
specify the way in which the Vision 2000-C or Vision
2000-E acquires, displays and stores data. other key
parameters, such as ion source settings, can be set via
the Process Eye Professional recipe. This allows the
user to optimize settings for each phase of the process
independently. For example, ideal settings for baseline can
be set up in the baseline recipe, ideal settings for process
monitoring can be set in the process recipe, etc. Process
Eye Professional enhances the Vision 2000-C and Vision
2000-E by providing:
• Automated and intelligent operation of MKS Spectra
RGAs with fully customizable controls and alarms
• Recipes for automated calibration
• Flexible scanning
— “Bar Chart”, “Analog” and “Peak Jump” scanning
modes which can be mixed and associated with data
trend displays
• Intelligent, user defined warnings and alarms
— Can include a suggested diagnosis of the fault
condition and a recommendation for its solution
• Data displays in relevant units, such as Torr, mbar or Pa
in the process chamber
• Optional ability to read data from other sensors using
analog inputs and external events by digital inputs
• Data buffer for quick on-line review of recent data
• Full storage of all data for subsequent review and
analysis



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com