Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VISION2000-P Datasheet(PDF) 3 Page - MKS Instruments.

Part # VISION2000-P
Description  HIGH PERFORMANCE PROCESS MONITORING SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

VISION2000-P Datasheet(HTML) 3 Page - MKS Instruments.

  VISION2000-P Datasheet HTML 1Page - MKS Instruments. VISION2000-P Datasheet HTML 2Page - MKS Instruments. VISION2000-P Datasheet HTML 3Page - MKS Instruments. VISION2000-P Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Performance
Mass Range options
1-100 amu standard; 1-200 and 1-300 amu optional
Ion Source
High conductance closed ion source
Filaments
Replaceable twin Tungsten or Thoria filaments
MassFilter
Doublefilter(1”“RFonly”pre-filterwith4”mainfilter)
Detector System
Dual(Faradayandsecondaryelectronmultiplier)
Maximum Analyzer operating Pressure
7.6e-3 Torr (1e-2 mbar) at the ion source inlet (standard), higher pressure optional
Minimum Detectable Partial Pressure
<2e-11 Torr (for total pressures <1 x e-4 Torr on inlet)
Minimum Detectable Concentration
<100ppb for all common gases except <10ppm for H
2
(trace gas detection limit)
Mass Stability
Better than ±0.1 amu over 8 hours
Resolution
Better than 10% valley between peaks of equal height throughout the mass range
Analyzer & Housing
MountingFlange
DN35CF(70mm/2.75”OD)Conflat® flange
Vacuum Hardware
60 l/s Turbomolecular pump with high conductance analyzer housing, inlet system, right
angle valve, automated vacuum controller (RVC) completely inter locked and integrated.
ForelinePump
Dry diaphragm standard; other options available
Analyzer Housing Base Pressure
Better than 5e-9 Torr after bakeout
Bakeout Temperature & Bakeout Jacket
Included for 180°C bakeout
Total Weight
33 lbs. (15 kg) to bolt on Process System
Mechanical Support
optional stands and brackets are available
Mobile RGA Platform
optional RGA trolley to improve versatility (footprint 18x24”, 455x604mm)
Pneumatics
60-80 psig CDA
Control Unit/PC
Control Module Weight
1.7 kg
Power
88-264 VAC, 47/63 Hz, 600 Watts
Maximum operating Conditions
Electronics: 10-40°C, 80% RH (non-condensing)
LED Status Indication
Interlock status, filament emission, SEM, power and communications
I/o Capability
4 analog inputs and 2 outputs (plus 1 dedicated gauge input). optional support for a large
number of both analog and digital inputs and outputs, including relay control
OtherFacilities
Leak check headset socket, external filament trip socket, instrument reset
Software
Process Eye Professional fully network compatible control platform generating under
Microsoft® Windows® 2000, XP* or Vista* (*recommended)
Communications
Ethernet CAT-5e
Minimum PC Specification Required
Intel® Pentium IV® or AMD Athlon XP 1.2GHz, 1GB RAM, 120 GB hard drive, dependent
upon total number of sensors on the computer and the operating system in use. Multi-
Sensor installation may require higher specifications.
Simultaneous Multi-Sensor
Process Eye Professional client/server configuration offers flexible multi-sensor operation.
Compliance
CE
RGA Controller to Vacuum System Cables
Length
33’ (10 m) standard RGA and 10’ (3m) with mobile RGA platform. other lengths available
dependent upon process system and customer requirements
Total Shipping Weight
44 lbs (20 Kg) may vary depending upon backing pump and instrument rack requirements



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com