Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMA104J016C02B Datasheet(PDF) 3 Page - Vatronics Technologies Limited

Part # VCMA104J016C02B
Description  Ceramic Multilayer Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VCMA104J016C02B Datasheet(HTML) 3 Page - Vatronics Technologies Limited

  VCMA104J016C02B Datasheet HTML 1Page - Vatronics Technologies Limited VCMA104J016C02B Datasheet HTML 2Page - Vatronics Technologies Limited VCMA104J016C02B Datasheet HTML 3Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ceramic capacitors,ceramic capacitor,monolithic capacitors,monolithic capaci...pacitors,multilayer ceramic capacitors,ceramic capacitors,ceramic capacitor,
Bump
•C/C:
≤2%
Outlook:
There shall be no evidence of damage or flash over during the test.
Life test (1000hours)
•C/C:
≤2%
≤±12.5%
≤±30.0%
DF
0.003
0.05
IR
R×C>25s
R×C
≥25s
Outlook:
There shall be no evidence of damage or flash over during the test.
•
How to order
VCMR 104 M 050 Y 02 B
(1)
(2) (3) (4) (5) (6) (7)
(1)Product Type:
VCMR=RADIAL TYPE
VCMA=AXIAL TYPE
(2)Capacitance:
105=10*105 =1000000pF
104=10*104 =100000pF
(3)Tolerance:
Z=+80%/-20%
M=±20%
K=±10%
J=±5%
(4)WORKING VOLTAGE:
050=50VDC
016=16VDC
(5)TEMPERATURE
CHARACTERISTIC:
C: COG(NPO)
X: X7R
Z: Z5U
Y: Y5V
(5)Lead Space:
01=2.54mm
02=5.08mm
00=AXIAL
(7)Packing:
B=Bulk
T=TAPE
A=AMMO
•
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/VCM.htm (3 / 3) [2003-12-17 13:34:34]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com