Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # TL062
Description  LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

TL062 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  TL062 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TL062; TL062A-TL062B
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
www.artschip.com
3
ELECTRICAL CHARACTERISTICS
Vcc=±15V, Tamb=+25℃ (unless otherwise specified)
TL062M
TL0621I
TL062C
Symbol
Parameter
Min.
Typ.
Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs=50Ω)
Tamb=25℃
Tmin ≤ Tamb ≤Tmax
3
6
15
3
6
9
3
15
20
mV
DVio
Temperature Coefficient of Input Offset
Voltage (Rs=50Ω)
10
10
10
µV/℃
Iio
Input Offset Current – note 1)
Tamb=25℃
Tmin ≤ Tamb ≤Tmax
5
100
20
5
100
10
5
200
5
pA
nA
Iib
Input Bias Current – note 1
Tamb=25℃
Tmin ≤ Tamb ≤Tmax
30
200
50
30
200
20
30
400
10
pA
nA
Vicm
Input Common Mode Voltage Range
±11.5
+15
-12
±11.5
+15
-12
±11
+15
-12
V
Vopp
Output Voltage Swing (RL=10kΩ)
Tamb=25℃
Tmin ≤ Tamb ≤Tmax
20
20
27
20
20
27
20
20
27
V
Avd
Large Signal Voltage Gain
RL=10KΩ, Vo=±10V
Tamb=25℃
Tmin ≤ Tamb ≤Tmax
4
4
6
4
4
6
3
3
6
V/mV
GBP
Gain Bandwidth Product
Tamb=25℃, RL=10kΩ
CL=100pF
1
1
1
MHz
Ri
Input Resistance
10
12
10
12
10
12
Ω
CMR
Common Mode Rejection Ratio
Rs=50Ω
80
86
80
86
70
76
dB
SVR
Supply Voltage Rejection Ratio
Rs=50Ω
80
95
80
95
70
95
dB
ICC
Supply Current, Per Amplifier
Tamb=25℃, no load, no signal
200
250
200
250
200
250
µA
Vo1/Vo2
Channel Separation
Av=100, Tamb=25℃
120
120
120
dB
PD
Total Power Consumption
Tamb=25℃, no load, no signal
6
7.5
6
7.5
6
7.5
mW
SR
Slew Rate
Vi=10V, RL=10kΩ
CL=10pF, Av=1
1.5
3.5
1.5
3.5
1.5
3.5
V/µS
tr
Rise Time
Vi=20mV, RL=10kΩ
CL=100pF, Av=1
0.2
0.2
0.2
µS
Kov
Overshoot Factor (see figure 1)
Vi=20mV, RL=10kΩ
CL=100pF, Av=1 (see figure 1)
10
10
10
%
en
Equivalent Input Noise Voltage
Rs=100Ω, f =1KHz
42
42
42
1.
The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive.
Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com