Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-01PR Datasheet(PDF) 2 Page - FOTEK CONTROLS CO., LTD.

Part # FM-01PR
Description  MARK SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

FM-01PR Datasheet(HTML) 2 Page - FOTEK CONTROLS CO., LTD.

  FM-01PR Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. FM-01PR Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
26
FM
Specificution
MARK SENSOR
Type
Setting Distance
Light Spot
Response Time
Sensitivity Adjuster
Operating Voltage
Current Consumption
Light Source
Hysteresis
Illumination
Output Method
Output Status
Output Current
Leakage Current
Residual Voltage
Protection Circuit
Connection Method
Housing Material
Operating Temp./Hum.
Protection Class
Weight
Model
High Speed Type
Standard Type
15.0mm
12.0mm
32.0mm
100.0mm
1.0
0.25ms
45mA max.
IP-65
Appr. 105g
0.8V max.
Short Circuit & Polarity Reversed Protection
4 Cores / 5.0
X 2m
PBT
FM-10R
2.0
FM-01R
FM-01G
FM-01PR
FM-01PG
FM-03R
FM-03G
2ms
11~30 VDC ; Ripple < 20% of Peak to Peak
30mA max.
NO / NC Changeable
150mA max.
0.8mA max.
G : Green Led ; R : Red Led
5% of Sensing Distance
Lamplight < 5,000 Lux ; Sunlight < 10,000 Lux.
NPN & PNP Two Way Output
270
Trimmer
-20 C~+60 C ; 35%~85%RH
FM
Output Circuit & Connection Diagram
Dimension
Red
=+V
Red
=+V
Red
=0V
Red
=0V
Black =0V
Black =0V
Black =+V
Black =+V
Yellow=PNP/NO
Yellow=PNP/NO
Yellow=PNP/NC
Yellow=PNP/NC
White =NPN/NO
White =NPN/NO
White =NPN/NC
White =NPN/NC
ie , Power polarity reversed
ie , Power polarity reversed
output state reversed
output state reversed
series
series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com