Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2486 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM2486
Description  High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2486 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM2486 Datasheet HTML 9Page - Analog Devices ADM2486 Datasheet HTML 10Page - Analog Devices ADM2486 Datasheet HTML 11Page - Analog Devices ADM2486 Datasheet HTML 12Page - Analog Devices ADM2486 Datasheet HTML 13Page - Analog Devices ADM2486 Datasheet HTML 14Page - Analog Devices ADM2486 Datasheet HTML 15Page - Analog Devices ADM2486 Datasheet HTML 16Page - Analog Devices ADM2486 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADM2486
Rev. C | Page 13 of 20
–30
–25
–20
–15
–10
–5
0
OUTPUT VOLTAGE (V)
3.04
3.30
3.56
3.82
4.07
4.31
4.55
4.79
5.00
Figure 22. Output Current vs. Receiver Output High Voltage
5
10
15
20
25
30
35
OUTPUT VOLTAGE (V)
0
0.23
0.46
0.69
0.93
1.17
1.42
1.67
1.93
0
2.20
Figure 23. Output Current vs. Receiver Output Low Voltage
4.66
4.68
4.70
4.72
4.74
4.76
4.78
TEMPERATURE (
°C)
–40
–25
–10
5
20
35
50
65
80
Figure 24. Receiver Output High Voltage vs. Temperature I = −4 mA
0.20
0.22
0.24
0.26
0.28
0.30
0.32
TEMPERATURE (
°C)
–40
–25
–10
5
20
35
50
65
80
Figure 25. Receiver Output Low Voltage vs. Temperature I = –4 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com