Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C237DS Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # C237DS
Description  Meet RoHS, Green Product.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

C237DS Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  C237DS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C237DS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C237DS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C237DS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C237DS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C237DS Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C237DS Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C237DS Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. C237DS Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Absolute
Maximum
Ratings
At
Ta=25℃
℃
℃
℃
Parameter
LTW-C237DS
Unit
Power Dissipation
72
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
DC Forward Current
20
mA
Reverse Voltage
5
V
Operating Temperature Range
-30°C to + 85°C
Storage Temperature Range
-55°C to + 105°C
Infrared soldering condition
260°C For 10 Seconds
Note: Revered Voltage can’t be continued operating
Suggestion IR Reflow condition
Part
No. : LTW-C237DS
Page :
2
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com