Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMA104J016C02T Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # VCMA104J016C02T
Description  Ceramic Multilayer Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VCMA104J016C02T Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  VCMA104J016C02T Datasheet HTML 1Page - Vatronics Technologies Limited VCMA104J016C02T Datasheet HTML 2Page - Vatronics Technologies Limited VCMA104J016C02T Datasheet HTML 3Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ceramic capacitors,ceramic capacitor,monolithic capacitors,monolithic capaci...pacitors,multilayer ceramic capacitors,ceramic capacitors,ceramic capacitor,
•
VCM Series Ceramic Multilayer Capacitors (Radial & Axial)
Vatronics makes Radial leads MLCC and axial leads MLCC, Capacitance: from 0.5PF
to 10uF,Working voltage: from 25V to 100V,Dielectric types: NPO (COG), X7R,
Y5V,Z5U, Capacitance tolerance: +/-0.1PF to +80/-20%,Package styles: tape and reel,
Ammo, Bulk. Radial leads MLCC have various lead spaces:
2.54/3.5/4.57/5.08/7.5mm
Drawing of output
Vatronics Radial Type Size,Capacitance and Voltage
Size
Dimensions(mm)
Voltage
Capacitance(pF)
F
Wmax
Hmax
Tmax
D
COG(NPO)
X7R
Y5V(Z5U)
0805
5.0
2.5
4.2
3.8
3.8
0.5
25V
0R5~332
221~105
103~105
50V
0R5~222
221~105
103~684
100V
0R5~102
221~683
1206
5.0
2.5
5.0
4.5
3.8
0.5
25V
0R5~682
102~105
103~105
50V
0R5~472
102~105
103~105
100V
0R5~392
102~683
•
1210
5.0
7.6
5.5
3.8
0.5
25V
561~103
102~334
104~105
50V
561~682
102~205
104~105
100V
561~472
102~104
1812
5.0
8.5
8.5
3.8
0.5
25V
102~153
103~474
154~335
50V
102~103
103~334
154~225
100V
102~682
103~224
•
2225
7.5
10.5
9.5
4.2
0.5
25V
102~223
103~105
684~475
50V
102~223
103~105
684~335
100V
102~103
103~474
3035
7.5
12.5
10.5
4.2
0.5
25V
102~104
103~225
105~106
50V
102~473
103~225
105~685
100V
102~333
103~105
•
file:///C|/index/VCM.htm (1 / 3) [2003-12-17 13:34:34]


Similar Part No. - VCMA104J016C02T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCM-DAS-3 ETC2-VCM-DAS-3 Datasheet
278Kb / 42P
The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
logo
D+H Mechatronic AG
VCM05U DH-VCM05U Datasheet
402Kb / 2P
CNV control panel
logo
List of Unclassifed Man...
VCM095 ETC-VCM095 Datasheet
419Kb / 20P
Pressure switches and pressure monitors for overpressure
VCM101 ETC-VCM101 Datasheet
419Kb / 20P
Pressure switches and pressure monitors for overpressure
logo
Bosch Sensortec GmbH
VCM1120/00T BOSCH-VCM1120/00T Datasheet
757Kb / 2P
Color Observation Systems Accessories
12 Feb 2009
More results

Similar Description - VCMA104J016C02T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
Multilayer Ceramic Capacitors
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
Multilayer ceramic capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors
logo
EPCOS
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
Multilayer Ceramic Capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com