Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS19200 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ARS19200
Description  ASIL-Compliant Wheel Speed Sensor IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ARS19200 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ARS19200 Datasheet HTML 1Page - Allegro MicroSystems ARS19200 Datasheet HTML 2Page - Allegro MicroSystems ARS19200 Datasheet HTML 3Page - Allegro MicroSystems ARS19200 Datasheet HTML 4Page - Allegro MicroSystems ARS19200 Datasheet HTML 5Page - Allegro MicroSystems ARS19200 Datasheet HTML 6Page - Allegro MicroSystems ARS19200 Datasheet HTML 7Page - Allegro MicroSystems ARS19200 Datasheet HTML 8Page - Allegro MicroSystems ARS19200 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ASIL-Compliant Wheel Speed Sensor IC
ARS19200
2
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
UB Package, 2-Pin SIP Pinout Diagram
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
28
V
Reverse Supply Voltage
VRCC
–18
V
Operating Ambient Temperature
TA
L temperature range
–40 to 150
°C
Maximum Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 170
°C
Terminal List Table
Name
Number
Function
VCC
1
Supply Voltage
GND
2
Ground
INTERNAL DISCRETE CAPACITOR RATINGS
Characteristic
Symbol
Test Conditions
Value (Typ.)
Unit
Nominal Capacitance
CSUPPLY
Connected between VCC and GND
2200
pF
SELECTION GUIDE
Part Number
Packing
Power-On State
ARS19200LUBATN-L
4000 pieces per 13-in. reel
ICC(LOW)
ARS19200LUBATN-H
4000 pieces per 13-in. reel
ICC(HIGH)
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com