Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5T2C/41 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 5T2C/41
Description  5 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Candelabra base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

5T2C/41 Datasheet(HTML) 1 Page - Satco Products, Inc.

  5T2C/41 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S7265
5T2C/41
5 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI;
Candelabra base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S7265
Item Number
UPC
Voltage
Watts
Incandescent Equivalent Lamp Shape
Base
ANSI
Base
S7265
045923072659
120
5
25W
T2
Candelabra
E12
Lamp Code
MOL In Inches MOD In Inches
Initial Lumens
Average Rated Hours Kelvin Temp
Color
Pack
5T2C/41
3.46''
1-3/8''
280
10000
4100
Cool White
48/12
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Box
82
Lawful for sale in
California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 5T2C/41

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
5T2C/27 SATCO-5T2C/27 Datasheet
125Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Candelabra base; 120 volts
5T2C/50 SATCO-5T2C/50 Datasheet
125Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Candelabra base; 120 volts
More results

Similar Description - 5T2C/41

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S7222 SATCO-S7222 Datasheet
124Kb / 1P
15 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7262 SATCO-S7262 Datasheet
125Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7264 SATCO-S7264 Datasheet
125Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Candelabra base; 120 volts
S7266 SATCO-S7266 Datasheet
125Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Candelabra base; 120 volts
S7312 SATCO-S7312 Datasheet
123Kb / 1P
5 watt; Torpedo Compact Fluorescent; 4100K; 82 CRI; Candelabra base; 120 volts
S7361 SATCO-S7361 Datasheet
124Kb / 1P
9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Candelabra base; 120 volts
S7362 SATCO-S7362 Datasheet
124Kb / 1P
9 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Candelabra base; 120 volts
S7363 SATCO-S7363 Datasheet
124Kb / 1P
9 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Candelabra base; 120 volts
S7364 SATCO-S7364 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Candelabra base; 120 volts
S7365 SATCO-S7365 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Candelabra base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com