Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDM-2MXB Datasheet(PDF) 4 Page - FOTEK CONTROLS CO., LTD.

Part # CDM-2MXB
Description  M18 TUBULAR TYPE PHOTO SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

CDM-2MXB Datasheet(HTML) 4 Page - FOTEK CONTROLS CO., LTD.

  CDM-2MXB Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. CDM-2MXB Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. CDM-2MXB Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. CDM-2MXB Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
15
16
Model
Output
Status
Sensing
Direction
Sensing
Distance
Operating
Voltage
Current
Consumption
Output
Method
Sensitivity
Adjuster
CDT-10MX
NO
CDT-10MXB
NC
CDT-6MX-V
NO
CDT-6MXB-V
NC
CDT-10MX-M12
NO
CDT-10MXB-M12
NC
CDT-6MX-V-M12
NO
CDT-6MXB-V-M12
NC
Guiding of Model
Ex.
Ex.CDR
CDR-- 30
30 X
X -- B
B -- V
V M12
M12
Model
Light Source
CDR=DC Reflex Type
CDR=DC Reflex Type
X=Infrared LED
X=Infrared LED
CAR=AC Reflex Type
CAR=AC Reflex Type
R=Red LED
R=Red LED
CDM=DC Mirror Reflex Type
CDM=DC Mirror Reflex Type
CAM=AC Mirror Reflex Type
CAM=AC Mirror Reflex Type
B=NC Type
B=NC Type
CDT=DC Thru Beam Type
CDT=DC Thru Beam Type
Non=NO Type
Non=NO Type
Sensing Distance
Sensing Direction
30=30cm
30=30cm
V=Vertical Type
V=Vertical Type
2M=2m
2M=2m
Non=Horizontal Type
Non=Horizontal Type
10M=10m
10M=10m
Connector Type
M12= M12x1.0
M12= M12x1.0
Output Circuit & Connection Diagram
Vertical
10m
6m
Vertical
NPN
&
PNP
150mA
M18-C
PHOTO SENSOR
M18 TUBULAR TYPE
10~30VDC
10~30VDC
Horizontal
Dc Type NPN & PNP Output
AC Type SCR Output
6m
Horizontal
270
O
O
Trimmer
270
O
O
Trimmer
P<20mA
R<25mA
10m
Thru Beam Type
Output Status
M18-C
Lead Wire Type
CDR/CAR/CDM/CAM
Lead Wire Type
Vertical Type
Lead Wire Type
CDT
Connector Type
CDR-M12/CDM-M12
Connector Type
Vertical Type
Connector Type
CDT
Mirror
MR-1
Mirror
MR-2
PHOTO SENSOR
M18 TUBULAR TYPE
Dimension
NPN
&
PNP
150mA
P<20mA
R<25mA
series
series
--



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com