Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NKS200-100 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # NKS200-100
Description  High Performance Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKS200-100 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  NKS200-100 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKS200-100 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKS200-100 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKS200-100 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NKS200-100 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NKS200-100 Series RoHS
RoHS
FEATURES
PRODUCT SUMMARY
VR
200A
100V
High Performance Schottky Rectifier
175°C T operation
J
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and
long term reliability
Lead (Pb)-free
Designed and qualified for industrial level
D-67 ( Half-Pak)
Base cathode
Lug terminal
anode
MAJOR RATINGS AND CHARACTERISTICS
UNIT
lFSM
IF(AV)
A
CHARACTERISTICS
Rectangular waveform
A
t
5 µs sine
p =
200 Apk, T = 125°C
J
Range
SYMBOL
VALUES
200
100
23000
0.75
-55 to 175
ºC
VRRM
TJ
VF
V
V
VOLTAGE RATINGS
UNIT
VR
PARAMETER
Maximum DC reverse voltage
SYMBOL
NKS200-100
100
VRWM
V
Maximum working peak reverse voltage
lF(AV)
www.nellsemi.com
Page 1 of 5
TYPICAL APPLICATIONS
High current switching power supplies
Plating power supplies
UPS system
Converters
Freewheeling diode
Welder
Reverse battery protection.
The NKS200-100 Schottky rectifier module
series has been optimized for low reverse
leakage at high temperature.
The proprietary barrier technology allows
for reliable operation up to 175 °C junction
temperature.
DESCRIPTION
Nell High Power Products
200A/100V


Similar Part No. - NKS200-100

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKS100-100 NELLSEMI-NKS100-100 Datasheet
1Mb / 5P
High Performance Schottky Rectifier
logo
List of Unclassifed Man...
NKS7-080-20 ETC2-NKS7-080-20 Datasheet
71Kb / 2P
Miniature Quartz Crystals
NKS7-081-20 ETC2-NKS7-081-20 Datasheet
71Kb / 2P
Miniature Quartz Crystals
NKS7-082-20 ETC2-NKS7-082-20 Datasheet
71Kb / 2P
Miniature Quartz Crystals
NKS7-093-20 ETC2-NKS7-093-20 Datasheet
71Kb / 2P
Miniature Quartz Crystals
More results

Similar Description - NKS200-100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
128Kb / 7P
High Performance Schottky Rectifier
23-May-14
VS-20MQ060PBF VISHAY-VS-20MQ060PBF Datasheet
117Kb / 7P
High Performance Schottky Rectifier
16-Feb-15
VS-40L15CTSPBF VISHAY-VS-40L15CTSPBF_15 Datasheet
154Kb / 9P
High Performance Schottky Rectifier
24-Jul-14
VS-MBRS190-M3 VISHAY-VS-MBRS190-M3 Datasheet
125Kb / 8P
High Performance Schottky Rectifier
26-Aug-14
VS-19TQ015SPBF VISHAY-VS-19TQ015SPBF Datasheet
153Kb / 8P
High Performance Schottky Rectifier
28-May-14
VS-120NQ045PBF VISHAY-VS-120NQ045PBF_17 Datasheet
140Kb / 6P
High Performance Schottky Rectifier, 120 A
11-May-17
VS-121NQ045PBF VISHAY-VS-121NQ045PBF_17 Datasheet
140Kb / 6P
High Performance Schottky Rectifier, 120 A
08-May-17
VS-180NQ045PBF VISHAY-VS-180NQ045PBF_17 Datasheet
142Kb / 6P
High Performance Schottky Rectifier
08-May-17
VS-242NQ030PBF VISHAY-VS-242NQ030PBF_17 Datasheet
141Kb / 6P
High Performance Schottky Rectifier, 240 A
08-May-17
VS-245NQ015PBF VISHAY-VS-245NQ015PBF_17 Datasheet
144Kb / 6P
High Performance Schottky Rectifier
08-May-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com