Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27
Description  SOT-23, 3 Degree Celcious Accurate, 120-150 Degree Celcious Factory Preset Thermostat
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM27 Datasheet HTML 1Page - National Semiconductor (TI) LM27 Datasheet HTML 2Page - National Semiconductor (TI) LM27 Datasheet HTML 3Page - National Semiconductor (TI) LM27 Datasheet HTML 4Page - National Semiconductor (TI) LM27 Datasheet HTML 5Page - National Semiconductor (TI) LM27 Datasheet HTML 6Page - National Semiconductor (TI) LM27 Datasheet HTML 7Page - National Semiconductor (TI) LM27 Datasheet HTML 8Page - National Semiconductor (TI) LM27 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 1)
Input Voltage
6.0V
Input Current at any pin (Note 2)
5mA
Package Input Current(Note 2)
20mA
Package Dissipation at T
A = 25˚C
(Note 3)
500mW
Soldering Information
SOT23 Package
Vapor Phase (60 seconds)
Infrared (15 seconds)
215˚C
220˚C
Storage Temperature
−65˚C to + 150˚C
ESD Susceptibility (Note 4)
Human Body Model
Machine Model
2500V
250V
Operating Ratings(Note 1)
Specified Temperature Range
T
MIN
≤ T
A
≤ T
MAX
LM27CIM
−40˚C
≤ T
A
≤ +150˚C
Positive Supply Voltage (V
+)
+2.7V to +5.5V
Maximum V
OUT
+5.5V
LM27 Electrical Characteristics
The following specifications apply for V
+ = 2.7V
DC to 5.5VDC, and VTEMP load current = 0µA unless otherwise specified. Bold-
face limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C unless otherwise specified.
Typical
LM27CIM
Units
Symbol
Parameter
Conditions
(Note 6)
Limits
(Limits)
(Note 7)
Temperature Sensor
Trip Point Accuracy (Includes
V
REF, DAC, Comparator Offset,
and Temperature Sensitivity
errors)
+120˚C<T
A<+150˚C
±3
˚C (max)
Trip Point Hysteresis
HYST = GND
10
˚C
HYST = V
+
2˚C
V
TEMP Output Temperature
Sensitivity
−10.82
mV/˚C
V
TEMP Temperature Sensitivity
Error to Equation:
V
O = (−3.552x10
−6x(T−30)2+
(−10.695x10
−3x(T−30))+
1.8386V
−30˚C
≤ T
A
≤ 150˚C,
2.7V
≤ V+ ≤ 5.5V
±3
˚C (max)
−55˚C
≤ T
A
≤ 150˚C,
4.5V
≤ V+ ≤ 5.5V
±3
˚C (max)
T
A = 25˚C
±2.5
˚C (max)
V
TEMP Load Regulation
−1µA
≤ I
L
≤ 0
0.070
mV
0
≤ I
L
≤ +40µA
0.7
mV (max)
V
TEMP Line Regulation
+2.7V
≤ V+ ≤ +5.5V,
−30˚C
≤ T
A
≤ +120˚C
−0.2
mV/V
I
S
Supply Current
15
22
40
µA (max)
µA (max)
Digital Output and Input
I
OUT(“1”)
Logical “1” Output Leakage
Current (Note 9)
V
+ = +5.0V
0.001
1
µA (max)
V
OUT(“0”)
Logical “0” Output Voltage
I
OUT = +1.2mA and
V
+
≥2.7V;
I
OUT = +3.2mA and
V
+
≥4.5V; (Note 8)
0.4
V (max)
V
OUT(“1”)
Logical “1” Push-Pull Output
Voltage
I
SOURCE = 500µA, V
+
≥ 2.7V
0.8xV
+
V (min)
I
SOURCE = 800µA,
V
+
≥4.5V
V
+ − 1.5
V (min)
V
IH
HYST Input Logical ”1“ Threshold
Voltage
0.8xV
+
V (min)
V
IL
HYST Input Logical ”0“ Threshold
Voltage
0.2xV
+
V (max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com