Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL255 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL255
Description  Optocoupler, Phototransistor Output, AC Inout, With Base Connection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL255 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL255 Datasheet HTML 1Page - Vishay Siliconix IL255 Datasheet HTML 2Page - Vishay Siliconix IL255 Datasheet HTML 3Page - Vishay Siliconix IL255 Datasheet HTML 4Page - Vishay Siliconix IL255 Datasheet HTML 5Page - Vishay Siliconix IL255 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 83619
Rev. 1.6, 26-Oct-04
IL255
Vishay Semiconductors
Figure 5. Non-Saturated and Saturated Collector Emitter Current
vs. LED Current
Figure 6. Non-Saturated and Saturated Collector Emitter Current
vs. LED Current
Figure 7. Collector-Emitter Current vs. LED Collector-Emitter
Voltage
iil255_05
IF -LED Forward Current - mA
Vce = 10 V
– – Pulsed Operation
–– DC Operation
Vce = 0.4 V
Ta=25°C
iil255_06
Vce = 10 V
Vce = 0.4 V
iil255_07
12
10
8
6
4
2
0
0
0.2
0.4
0.6
1.0
1.4
1.8
2.2
IF=8 mA
IF=7 mA
IF=6 mA
IF=5 mA
IF=4 mA
IF=3 mA
IF=2 mA
IF=1 mA
Vce - Collector Emitter Voltage - V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com