Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN50N50 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN50N50
Description  HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN50N50 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN50N50 Datasheet HTML 1Page - IXYS Corporation IXFN50N50 Datasheet HTML 2Page - IXYS Corporation IXFN50N50 Datasheet HTML 3Page - IXYS Corporation IXFN50N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
Figure 7. Gate Charge
Figure 8. Capacitance Curves
Figure 9.
Forward Voltage Drop of the
Intrinsic Diode
Figure 10. Transient Thermal Resistance
IXFK50N50
IXFK55N50
IXFN50N50
IXFN55N50
Gate Charge - nC
0
50
100
150
200
250
300
350
0
2
4
6
8
10
12
V
DS = 250V
I
D = 27.5A
V
DS - Volts
0
5
10
15
20
25
30
35
40
100
1000
10000
Crss
Coss
Ciss
f = 1MHz
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
T
J = 125
OC
T
J = 25
OC
Pulse Width - Seconds
10-4
10-3
10-2
10-1
100
101
0.00
0.01
0.10
1.00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com