Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP805S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MTP805S
Description  8051 Embedded USB/PS2 Keyboard/Mouse Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTP805S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MTP805S Datasheet HTML 3Page - List of Unclassifed Manufacturers MTP805S Datasheet HTML 4Page - List of Unclassifed Manufacturers MTP805S Datasheet HTML 5Page - List of Unclassifed Manufacturers MTP805S Datasheet HTML 6Page - List of Unclassifed Manufacturers MTP805S Datasheet HTML 7Page - List of Unclassifed Manufacturers MTP805S Datasheet HTML 8Page - List of Unclassifed Manufacturers MTP805S Datasheet HTML 9Page - List of Unclassifed Manufacturers MTP805S Datasheet HTML 10Page - List of Unclassifed Manufacturers MTP805S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MYSON
TECHNOLOGY
MTP805
(Rev. 0.9)
Revision 0.9
- 7 -
2000/07/19
4. USB and PS2 Mode Detection
After reset, the USB transceiver is disable, and the V33 pin is in high impedance state (no 3.3 volt output).
S/W can detect the application is USB mode or PS2 mode by reading P3.4/P3.5. At first, S/W can set
“PS2KB”=1. This control bit is used to enable the internal 250K pull-up resistor on DP/DM pin. If the chip is
connected to USB Hub, the P3.4/P3.5 is 0 because of the 15K pull-down resistor on Hub. Otherwise,
P3.4/P3.5 is 1.
5. Power-down and Idle Mode
The Power-down/Idle mode is activated by S/W setting the PD/IDL bit in 8051’s PCON register. In Power-
down mode, the MTP805’s X’tal stop oscillating. In Idle mode, the 8051’s instruction clock is stop. The
Power-down/Idle mode is released by any enable interrupt. For standard 8051, Power-down mode is
released only by chip reset.
6. Watch-Dog-Timer(WDT) and Low-Voltage-Reset(LVR)
The WDT is enable by setting the “WDTen” bit in XFR. The time out period is 0.64 second. S/W can clear
WDT by writing the WDT register.
The LVR can generate chip reset when VDD is below 3.0 volt, including both power-on and power-off
process.
7. Fast Clock Option
The CPU can run at double clock rate when S/W setting the “FCLKen” bit in XFR. Once setting, the 8051 is
running at the rate as if a 12MHz X’tal is on OSC pins. However, S/W must clear the FCLKen bit before
entering Power-down mode.
8. USB Engine
The USB engine includes the Serial Interface Engine (SIE), the low-speed USB I/O transceiver and the 3.3
Volt Regulator. The SIE block performs most of the USB interface function with only minimum support from
S/W. Three endpoints are supported. Endpoint 0 is used to receive and transmit control (including SETUP)
packets while Endpoint 1 and endpoint 2 are only used to transmit data packets.
The USB SIE handles the following USB bus activity independently:
1. Bitstuffing/unstuffing
2. CRC generation/checking
3. ACK/NAK
4. TOKEN type identification
5. Address checking
S/W handles the following tasks:
1. Coordinate enumeration by responding to SETUP packets
2. Fill and empty the FIFOs
3. Suspend/Resume coordination
4. Verify and select DATA toggle values
8.1 USB Device Address
The USBADR register stores the device address. This register is reset to all 0 after chip reset or USB bus
reset. S/W must write this register a valid value after the USB enumeration process.
8.2 Endpoint 0 receive
After receiving a packet and placing the data into the Endpoint 0 receive FIFO (RC0FIFO), MTP805 updates
the Endpoint 0 status register (EP0STUS) to record the receive status and then generates an Endpoint 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com