Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2881 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2881
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2881 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2881 Datasheet HTML 2Page - New Japan Radio NJM2881 Datasheet HTML 3Page - New Japan Radio NJM2881 Datasheet HTML 4Page - New Japan Radio NJM2881 Datasheet HTML 5Page - New Japan Radio NJM2881 Datasheet HTML 6Page - New Japan Radio NJM2881 Datasheet HTML 7Page - New Japan Radio NJM2881 Datasheet HTML 8Page - New Japan Radio NJM2881 Datasheet HTML 9Page - New Japan Radio NJM2881 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2881/82
-7-
Ver.2004-12-22
ELECTRICAL CHARACTERISTICS
-60
-50
-40
-30
-20
-10
0
0
100
200
300
400
500
Output Current :Io [mA]
NJM2881/82_3.0V
Load Regulation vs. Output Current
@:Ta=25
oC
VIN=4V
Co=1.0uF(Ceramic)
Cp=0.01uF
0
200
400
600
800
1000
4
6
8
101214
Input Voltage :Vin [V]
NJM2881/82_3.0V
Peak Output Current vs. Input Voltage
@:Ta=25
oC
Co=1.0uF(Ceramic)
Cp=0.01uF
0
400
800
1200
1600
2000
05
10
15
NJM2881/82_3.0V
Quiescent Current v.s. Input Voltage
@:Ta=25
o
C
Output is open.
Co=1.0uF(Ceramic)
Cp=0.01uF
including Icont
Input Voltage :Vin [V]
0
50
100
150
200
0.000001
0.00001
0.0001
0.001
0.01
0.1
Noise Bypass Capacitor : Cp(uF)
NJM2881/82_3.0V
Output Noise Voltage vs. Noise Bypass Capacitor
@:Ta=25
oC
VIN=4V
Co=1.0uF
(Ceramic)
Io=10mA
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
Output Current :Io [mA]
NJM2881/82_3.0V
Output Noise Voltage vs. Output Current
@:Ta=25
oC
VIN=4V
Co=1.0uF(Ceramic)
Cp=0.01uF
0
20
40
60
80
100
10
100
1000
10
4
10
5
NJM2881/82_3.0V
Ripple Rejection Ratio v.s. Frequency
Frequency :f [Hz]
Io=0mA
Io=10mA
Io=30mA
@:Ta=25
oC
VIN=4.0V
ein=200mVrms
Co=1.0uF(Ceramic)
Cp=0.01uF
100k
10k
1k
100
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com