Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFA3010SURKZGSYKC Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APFA3010SURKZGSYKC
Description  3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APFA3010SURKZGSYKC Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APFA3010SURKZGSYKC Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APFA3010SURKZGSYKC Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APFA3010SURKZGSYKC Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APFA3010SURKZGSYKC Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAI9094 / 1203008730 Rev No: V.7A Date: 05/07/2018
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APFA3010SURKZGSYKC
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 20mA
λpeak
Hyper Red
Green
Super Bright Yellow
645
515
590
-
nm
Dominant Wavelength IF = 20mA
λdom
[1]
Hyper Red
Green
Super Bright Yellow
630
525
590
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 20mA
Δλ
Hyper Red
Green
Super Bright Yellow
28
30
20
-
nm
Capacitance
C
Hyper Red
Green
Super Bright Yellow
35
45
20
-
pF
Forward Voltage IF = 20mA
VF
[2]
Hyper Red
Green
Super Bright Yellow
1.95
3.3
2
2.5
4.1
2.5
V
Reverse Current (VR = 5V)
IR
Hyper Red
Green
Super Bright Yellow
-
10
50
10
uA
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd: ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Parameter
Symbol
Value
Unit
Hyper Red
Green
Super Bright
Yellow
Power Dissipation
PD
75
102.5
75
mW
Reverse Voltage
VR
5
5
5
V
Junction Temperature
Tj
115
115
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
30
25
30
mA
Peak Forward Current
IFM
[1]
185
150
175
mA
Electrostatic Discharge Threshold (HBM)
-
3000
450
3000
V
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com