Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9481R Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS9481R
Description  DS9481R USB-to-1-Wire/iButton Adapter Evaluates: 1-Wire Slave and iButton Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9481R Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS9481R Datasheet HTML 1Page - Maxim Integrated Products DS9481R Datasheet HTML 2Page - Maxim Integrated Products DS9481R Datasheet HTML 3Page - Maxim Integrated Products DS9481R Datasheet HTML 4Page - Maxim Integrated Products DS9481R Datasheet HTML 5Page - Maxim Integrated Products DS9481R Datasheet HTML 6Page - Maxim Integrated Products DS9481R Datasheet HTML 7Page - Maxim Integrated Products DS9481R Datasheet HTML 8Page - Maxim Integrated Products DS9481R Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Maxim Integrated
Evaluates: 1-Wire Slave and iButton Devices
DS9481R USB-to-1-Wire/iButton Adapter
Component List
DESIGNATION
QTY
DESCRIPTION
C1, C6, C21
3
4.7FF, 16V Y5V ceramic
capacitors (0805)
TDK Corp. C2012Y5V1C475Z
C2, C3
2
2.2FF, 16V Y5V ceramic
capacitors (0805)
Murata GRM21BF51C225ZA01L
C4, C7
2
0.22FF Q10%, 16V X7R ceramic
capacitors (0603)
TDK Corp. C1608X7R1C224K
C5, C15, C22
3
10nF ±5%, 16V X7R
ceramic capacitors (0603)
AVX 06035C103JAT2A
C8, C11
-C14,
C20, C23
7
0.1FF, 16V X7R ceramic
capacitors (0603)
KEMET C0603C104K4RACTU
C10
1
10FF, 10V Y5V ceramic
capacitor (0805)
TDK Corp. C2012Y5V1C106Z
C16
0
Do not populate,
470pF ceramic capacitor (0603)
C17
1
1FF, 10V X7R ceramic
capacitor (0603)
Taiyo Yuden LMK107B7105KA-T
C19
1
10pF, 16V NP0 ceramic
capacitor (0603)
TDK Corp. C1608C0G1H100D
C9, C24, C25
0
Do not populate, capacitors
CN1
1
USB Mini-AB connector,
right-angle, SMD, 5-position
JAE Electronics
DX3R005HN2E700
D1
1
30V, 200mA Schottky diode (SOT23)
Diodes Inc./Zetex BAT54TA
D2
1
15V, 350mA zener diode (SOT23)
Diodes Inc. MMBZ5245B-7-F
D3
1
Orange LED (TSS type) (0603)
Panasonic/SSG LNJ812R83RA
D4
1
Dual CC Schottky diode (SOT23)
Diodes Inc./Zetex BAT54CTA
DESIGNATION
QTY
DESCRIPTION
FB1, FB2
2
220
W, 2000mA ferrite chips (0805)
Murata BLM21PG221SN1D
J1
1
6-position, right-angle, PCB-
mounted jack
Tyco 5520425-3
J2
0
Do not populate,
JTAG connector
Q1, Q3
2
130mA, 50V p-channel MOSFETs
(SOT23-3)
Fairchild Semiconductor BSS84
Q2, Q4, Q5, Q7
4
115mA, 60V n-channel MOSFETs
(SOT23)
Diodes, Inc. 2N7002-7-F
Q6
1
3.9A, 20V p-channel MOSFET
(SOT23)
NXP PMV65XP,215
R1, R29
0
Do not populate,
resistors
R2, R3, R5
3
27I Q1%, 1/10W SMD resistors
(0603)
Yageo RC0603FR-0727RL
R4, R16, R21
3
1.5kI Q1%, 1/10W SMD
resistors (0603)
Panasonic ECG ERJ-3EKF1501V
R6, R24
2
10kI Q1%, 1/10W SMD
resistors (0603)
Yageo RC0603FR-0710KL
R7, R14, R26
3
1kI Q1%, 1/10W SMD
resistors (0603)
Yageo RC0603FR-071KL
R8, R13, R17,
R20, R27, R30
5
100kI Q1%, 1/10W SMD
resistors (0603)
Yageo RC0603FR-07100KL
R9
1
750I Q5%, 1/10W SMD
resistor (0603)
Yageo RC0603FR-07750RL
R10
1
0I Q1%, 1/10W SMD
resistor (0603)
Panasonic ECG ERJ-3GEY0R00V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com