Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD5F2GQ4RFZIG Datasheet(PDF) 44 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F2GQ4RFZIG
Description  SPI(x1/x2/x4) NAND Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4RFZIG Datasheet(HTML) 44 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4RFZIG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
SPI(x1/x2/x4) NAND Flash
2G
44
Figure22-2. LGA8 GD Type2 (6*8 mm)
A
D
D2
L
2
Lead Type design Gap
A
c
A2
A1
Soldermask
LAND PAD
Dimensions
Symbol
A
A1
A2
c
b
D
D2
E
E2
e
L
Unit
GD
Type2
GD
Type2
mm
Min
0.80
0.02
0.70
0.15
0.35
7.90
3.30
5.90
4.20
1.27
0.45
Nom
0.18
0.40
8.00
3.40
6.00
4.30
0.50
Max
0.95
0.21
0.45
8.10
3.50
6.10
4.40
0.55
Inch
Min
0.031
0.001
0.028
0.006
0.014
0.311
0.130
0.232
0.165
0.05
0.018
Nom
0.007
0.016
0.315
0.134
0.236
0.169
0,020
Max
0.037
0.008
0.018
0.319
0.138
0.240
0.173
0.022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com