Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD5F2GQ4RFZIH Datasheet(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F2GQ4RFZIH
Description  SPI(x1/x2/x4) NAND Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4RFZIH Datasheet(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4RFZIH Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIH Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
SPI(x1/x2/x4) NAND Flash
2G
10
4
MEMORY MAPPING
0
1
2
1023
0
1
63
0
1
2
2111
Blocks
RA<16:6>
Pages
RA<5:0>
Bytes
CA<11:0>
2047
<
6
7
8
15
16 >
Note:
1.
CA: Column Address. The 12-bit address is capable of addressing from 0 to 4095 bytes; however, only bytes 0
through 2111 are valid. Bytes 2112
through 4095 of each page are “out of bounds,” do not exist in the device,
and cannot be addressed.
2.
RA: Row Address. RA<5:0> selects a page inside a block, and RA<16:6> selects a block:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com