Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25B64C Datasheet(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B64C
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B64C Datasheet(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25B64C Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25B64C Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25B64C
56
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
---
2014-6-12
1.1
Modify Package WSON 8 (6*5mm)
---
2015-6-11
1.2
Modify Package SOP8 208MIL
---
2015-7-16
1.3
Modify AC CHARACTERISTICS: tCHCL Min.0.2 V/ns Change to
0.1 V/ns
tCLCH Min.0.2 V/ns Change to 0.1 V/ns
Modify POWER-ON TIMING
---
2015-11-17
1.4
Modify AC CHARACTERISTICS: add tRST_R & tRST_P & tRST_E
Modify POWER-ON TIMING: TVSL Min 10us Change to 5ms
TPUW Min 1ms Change to 5ms
---
2015-12-18
1.5
Add “Page” column in the revision history
Delete tPUW
Modify VWI min value from 1V to 1.5V
Delete
original
chapter
8.3:
DATA
RETIONTION
AND
ENDURANCE
Delete oritginal chapter 8.4: LATCH UP CHARACTERISTICS
Delete Output Short Circuit Current
Add Transient Input/Output Voltage (note: overshoot): -2.0 to
VCC+2.0 V
Modify VCC from “-0.6 to VCC+0.4” to “-0.6 to 4.2”
Modify Icc4-Icc8 from 15mA to 20mA
Modify Icc9 from 400-700uA to 0.4-1.2mA
Add fc3, min: DC, max: 120MHz
Modify the description of fR
Delete tRST_P and tRST_R
Add tRST, of which the max value is 30us
Add Packing Type: T or no mark: Tube
Update the description of the SOP8 and WSON8 packages
Add Chapter 9.1 Valid Part Numbers
P54
P44
P44
P44
P44
P44
P44
P44
P46
P46
P47
P47
P47
P47
P49
P51, 53
P50
2017-12-1
1.6
Modify tVSL min value from 5ms to 1.8ms
Modify Icc9 typ value from 0.4mA to 0.6mA
Add tRS, of which the min value is 100us
Modify the description of SOP8 and DIP8 packages
Add package: WSON8 8x6mm
P44
P46
P47
P51-52
P54
2018-4-23
1.7
Modify tBE2 typ. value from 0.20s to 0.25s
P48
2018-5-21
1.8
Add 4BH command
Modify Ordering Information
P36
P50
2018-9-12
1.9
Modify tSE max value from 200/300ms to 300ms
Modify tBE1 max value from 0.8/1.6s to 1.6s
Modify tBE2 max value from 1.2/2.0s to 2.0s
P49
P49
P49
2018-12-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com