Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25B256DFIG Datasheet(PDF) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B256DFIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B256DFIG Datasheet(HTML) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25B256DFIG Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25B256D
3
7.31.
PROGRAM/ERASE SUSPEND (PES) (75H)..............................................................................................54
7.32.
PROGRAM/ERASE RESUME (PER) (7AH)...............................................................................................56
7.33.
ERASE SECURITY REGISTERS (44H)......................................................................................................56
7.34.
PROGRAM SECURITY REGISTERS (42H).................................................................................................57
7.35.
READ SECURITY REGISTERS (48H)........................................................................................................59
7.36.
ENABLE RESET (66H) AND RESET (99H) ...............................................................................................60
7.37.
READ SERIAL FLASH DISCOVERABLE PARAMETER (5AH)........................................................................61
8.
ELECTRICAL CHARACTERISTICS .........................................................................................................71
8.1.
POWER-ON TIMING ..........................................................................................................................71
8.2.
INITIAL DELIVERY STATE.................................................................................................................71
8.3.
ABSOLUTE MAXIMUM RATINGS .....................................................................................................71
8.4.
CAPACITANCE MEASUREMENT CONDITIONS..............................................................................72
8.5.
DC CHARACTERISTICS....................................................................................................................73
8.6.
AC CHARACTERISTICS ....................................................................................................................74
9.
ORDERING INFORMATION......................................................................................................................76
9.1.
VALID PART NUMBERS ..........................................................................................................................77
10.
PACKAGE INFORMATION....................................................................................................................78
10.1.
PACKAGE SOP16 300MIL ....................................................................................................................78
10.2.
PACKAGE WSON8 (8*6MM) ..................................................................................................................79
10.3.
PACKAGE TFBGA-24BALL (5*5 BALL ARRAY) .......................................................................................80
11.
REVISION HISTORY..............................................................................................................................81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com