Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25B256DFIS Datasheet(PDF) 81 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B256DFIS Datasheet(HTML) 81 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25B256DFIS Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIS Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIS Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIS Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIS Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIS Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIS Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIS Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIS Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25B256D
81
11. REVISION HISTORY
Version No.
Description
Page
Date
1.0
Initial Release
All
2017-9-18
1.1
Modify the note of EA0 in Table 12
from “Non-volatile writable” to
“Volatile writable”.
Modify SFDP: content of 5BH and 94H Addr.
Modify general diagram and pin description
P14
P65
P5-6
2017-9-30
1.2
Modify SFDP: 1st code in 94H Addr. from 0b/1b to 1b
Modify SFDP: 6th code in 99H Addr. from 0b/1b to 1b
Add “R” to the 8th code of Ordering Information
P67
P67
P75-76
2017-11-2
1.3
Add 5AH command in Table 13
Modify the description of C8H command
Modify the description of C5H command
Modify the description of all packages
Modify SFDP: the value of 94H Addr.
P17
P22
P23
P78-80
P68
2017-12-18
1.4
Modify the note of QE bit
Modify Icc1 typ. value from 15uA to 12uA
Modify tVSL min. value from 5ms to 2.5ms
Modify tw typ. value from 1ms to 5ms
Add tRS, of which the min value is 100us
Modify tPP typ. value from 0.6ms to 0.4ms
Modify tBE1 typ. value from 0.2s to 0.16s
Modify tBE2 typ. value from 0.3s to 0.22s
Modify tCE from 100-240s to 70-200s
P11
P73
P71
P74
P74
P74
P74
P74
P74
2018-7-4
1.5
Modify Sequence Diagrams of 42H command
Update Ordering Information
P58
P76
2019-2-19
1.6
Modify the description of DRV bits
P14
2019-4-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com