Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FS1G6F2ADG Datasheet(PDF) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FS1G6F2ADG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FS1G6F2ADG Datasheet(HTML) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FS1G6F2ADG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2ADG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2ADG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2ADG Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2ADG Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2ADG Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2ADG Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2ADG Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2ADG Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
GD9Fx1GxF2A
23
As defined for
Page
Program
CMD
ADDR
ADDR
DIN
ADDR
ADDR
DIN
DIN
DIN
CMD
80H
C2
C1
D0
R2
R1
D1
…
Dn
10h
DOUT
CMD
E1
70h
A
Fail !
Page N
tPROG
tWB
Cycle Type
SR[6]
I/Ox
CMD
ADDR
ADDR
DIN
ADDR
ADDR
DIN
DIN
DIN
CMD
8BH
C2
C1
D0
R2
R1
D1
…
Dn
10h
Page M
tADL
Cycle Type
SR[6]
I/Ox
tADL
A
Optional
tPROG
tWB
Figure 19: Page Re-program figures
8.2.4 Cache Program Operation (80H-15H)
Cache Program is an extension of Page Program, which is executed with one page data registers, and is available only
within a block. Since the device has one page of cache memory, serial data input may be executed while data stored in
data register are programmed into memory cell.
After writing the first set of data up to one page into the selected cache registers, Cache Program command (15H) instead
of actual Page Program (10H) is inputted to make cache registers free and to start internal program operation. To transfer
data from cache registers to data registers, the device remains in Busy state for a short period of time (tCBSYW) and has
its cache registers ready for the next data-input while the internal programming gets started with the data loaded into data
registers. Read Status command (70H) may be issued to find out when cache registers become ready by polling the Cache-
Busy status bit (I/O 6). Pass/fail status of only the previous page is available upon the return to Ready state. When the next
set of data is loaded with the Cache Program command, tCBSYW is affected by the progress of pending internal
programming. The programming of the cache registers is initiated only when the pending program cycle is finished and the
data registers are available for the transfer of data from cache registers. The status bit (I/O5) for internal Ready/Busy may
be polled to identify the completion of internal programming. If the system monitors the progress of programming only with
R/B#, the last page of the target programming sequence must be programmed with actual Page Program command (10H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com