Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25D40C Datasheet(PDF) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25D40C
Description  3.3V Uniform Sector Standard and Dual Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D40C Datasheet(HTML) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25D40C Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D40C/20C
15
Figure3. Read Status Register Sequence Diagram
7.4. Write Status Register (WRSR) (01H)
The Write Status Register (WRSR) instruction allows new values to be written to the Status Register. A Write Enable
(WREN) instruction must be executed previously to set the Write Enable Latch (WEL) bit, before it can be accepted.
The Write Status Register (WRSR) instruction is entered by driving Chip Select (CS#) Low, followed by
the instruction code and the data byte on Serial Data Input (DI).
The Write Status Register (WRSR) instruction has no effect on S6, S5, S1 and S0 of the Status Register. S6 and S5
are always read as 0. Chip Select (CS#) must be driven High after the eighth bit of the data byte has been latched in.
Otherwise, the Write Status Register (WRSR) instruction is not executed. As soon as Chip Select (CS#) is driven High, the
self-timed Write Status Register cycle (the duration is tW) is initiated. While the Write Status Register cycle is in progress,
reading Status Register to check the Write In Progress (WIP) bit is achievable.
The Write In Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and turn to 0 on the completion
of the Write Status Register. When the cycle is completed, the Write Enable Latch (WEL) is reset to 0.
The Write Status Register (WRSR) instruction allows the user to change the values of the Block Protect (BP2, BP1,
BP0) bits, which are utilized to define the size of the read-only area.
The Write Status Register (WRSR) instruction also allows the user to set or reset the Status Register Protect (SRP)
bit in accordance with the Write Protect (WP#) signal, by setting which the device can enter into Hardware Protected Mode
(HPM). The Write Status Register (WRSR) instruction is not executed once enter into the Hardware Protected Mode (HPM).
Figure4. Write Status Register Sequence Diagram
Command
0
1
2
3
4
5
6
7
05H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
MSB
S7~S0 out
S7~S0 out
MSB
Command
0
1
2
3
4
5
6
7
01H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
MSB
7
6
5
4
3
2
1
0
Status Register in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com