Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA55P Datasheet(PDF) 1 Page - LEM

Part # LA55P
Description  Current Transducer LA 55-P
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA55P Datasheet(HTML) 1 Page - LEM

  LA55P Datasheet HTML 1Page - LEM LA55P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current Transducer LA 55-P
For the electronic measurement of currents : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
50
A
I
P
Primary current, measuring range
0 .. ± 70
A
R
M
Measuring resistance @
T
A = 70°C
T
A = 85°C
R
M min RM max
R
M min RM max
with ± 12 V
@ ± 50 A
max
10
100
60
95
Ω
@ ± 70 A
max
10
50
601) 601)
Ω
with ± 15 V
@ ± 50 A
max
50
160
135 155
Ω
@ ± 70 A
max
50
90
13 52) 1352)
Ω
I
SN
Secondary nominal r.m.s. current
50
mA
K
N
Conversion ratio
1 : 1000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption
10 (@ ±15 V) + I
S mA
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
2.5
kV
Accuracy - Dynamic performance data
X
Accuracy @ I
PN , TA = 25°C
@ ± 15 V (± 5 %)
± 0.65
%
@ ± 12 .. 15 V (± 5 %)
± 0.90
%
ε
L
Linearity
< 0.15
%
Typ
Max
I
O
Offset current @ I
P = 0, TA = 25°C
± 0.2
mA
I
OM
Residual current 3) @ I
P = 0, after an overload of 3 x I PN
± 0.3
mA
I
OT
Thermal drift of I
O
0°C .. + 70°C
± 0.1
± 0.5
mA
- 25°C .. + 85°C
± 0.1
± 0.6
mA
t
ra
Reaction time @ 10 % of I
P max
< 500
n s
t
r
Response time @ 90 % of I
P max
< 1
µs
di/dt
di/dt accurately followed
> 200
A/µs
f
Frequency bandwidth (- 1 dB)
DC .. 200
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 90
°C
R
S
Secondary coil resistance @
T
A = 70°C
80
Ω
T
A = 85°C
85
Ω
m
Mass
18
g
Standards 4)
EN 50178
Notes : 1) Measuring range limited to ± 60 A
max
2) Measuring range limited to ± 55 A
max
3) Result of the coercive field of the magnetic circuit
4) A list of corresponding tests is available
Features
•Closed loop (compensated) current
transducer using the Hall effect
•Printed circuit board mounting
•Insulated plastic case recognized
according to UL 94-V0.
Advantages
•Excellent accuracy
•Very good linearity
•Low temperature drift
•Optimized response time
•Wide frequency bandwidth
•No insertion losses
•High immunity to external
interference
•Current overload capability.
Applications
•AC variable speed drives and servo
motor drives
•Static converters for DC motor drives
•Battery supplied applications
•Uninterruptible Power Supplies
(UPS)
•Switched Mode Power Supplies
(SMPS)
•Power supplies for welding
applications.
I
PN
=
50 A
980706/8
LEM Components
ww w .lem.com


Similar Part No. - LA55P

ManufacturerPart #DatasheetDescription
logo
LEM
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
Current Transducer LA 55-P
LA55-P LEM-LA55-P Datasheet
126Kb / 2P
Current Transducer
LA55-P LEM-LA55-P_07 Datasheet
126Kb / 2P
Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
Current Transducer
LA55-TP LEM-LA55-TP Datasheet
66Kb / 2P
Current Transducer LA 55-TP
More results

Similar Description - LA55P

ManufacturerPart #DatasheetDescription
logo
LEM
LA55-TP LEM-LA55-TP Datasheet
66Kb / 2P
Current Transducer LA 55-TP
LA100-P LEM-LA100-P Datasheet
69Kb / 2P
Current Transducer LA 100-P
LA125-P LEM-LA125-P Datasheet
84Kb / 2P
Current Transducer LA 125-P
LA150-P LEM-LA150-P Datasheet
26Kb / 2P
Current Transducer LA 150-P
LA200-P LEM-LA200-P Datasheet
85Kb / 2P
Current Transducer LA 200-P
LA305-S LEM-LA305-S Datasheet
65Kb / 2P
Current Transducer LA 305-S
LA100P LEM-LA100P Datasheet
69Kb / 2P
CURRENT TRANSDUCER LA 100-P
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
Current Transducer LA 55-P
LA-100-P LEM-LA-100-P Datasheet
639Kb / 3P
Current Transducer LA 100-P
LA-150-P LEM-LA-150-P Datasheet
336Kb / 4P
Current Transducer LA 150-P
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com