Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25D80CEFG Datasheet(PDF) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25D80CEFG
Description  3.3V Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D80CEFG Datasheet(HTML) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25D80CEFG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80CEFG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80CEFG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80CEFG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80CEFG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80CEFG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80CEFG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80CEFG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80CEFG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D80C
35
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40℃ to +85℃)
Product Number
Density
Package Type
GD25D80CTIG
8Mbit
SOP8 150mil
GD25D80CSIG
8Mbit
SOP8 208mil
GD25D80COIG
8Mbit
TSSOP8 173mil
GD25D80CKIG
8Mbit
USON8 (1.5x1.5mm)
GD25D80CEIG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
Temperature Range J: Industrial (-40℃ to +105℃)
Product Number
Density
Package Type
GD25D80CTJG
8Mbit
SOP8 150mil
GD25D80CSJG
8Mbit
SOP8 208mil
GD25D80COJG
8Mbit
TSSOP8 173mil
GD25D80CKJG
8Mbit
USON8 (1.5x1.5mm)
GD25D80CEJG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
Temperature Range E: Industrial (-40℃ to +125℃)
Product Number
Density
Package Type
GD25D80CTEG
8Mbit
SOP8 150mil
GD25D80CSEG
8Mbit
SOP8 208mil
GD25D80COEG
8Mbit
TSSOP8 173mil
GD25D80CKEG
8Mbit
USON8 (1.5x1.5mm)
GD25D80CEEG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
Temperature Range F: Industrial+ (-40℃ to +85℃)
Product Number
Density
Package Type
GD25D80CTFG
8Mbit
SOP8 150mil
GD25D80CSFG
8Mbit
SOP8 208mil
GD25D80COFG
8Mbit
TSSOP8 173mil
GD25D80CKFG
8Mbit
USON8 (1.5x1.5mm)
GD25D80CEFG
8Mbit
USON8 (3x2mm, 0.45mm thickness)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com