Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2004D8 Datasheet(PDF) 2 Page - Teccor Electronics

Part # L2004D8
Description  Sensitive Triacs (0.8A to 8A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

L2004D8 Datasheet(HTML) 2 Page - Teccor Electronics

  L2004D8 Datasheet HTML 1Page - Teccor Electronics L2004D8 Datasheet HTML 2Page - Teccor Electronics L2004D8 Datasheet HTML 3Page - Teccor Electronics L2004D8 Datasheet HTML 4Page - Teccor Electronics L2004D8 Datasheet HTML 5Page - Teccor Electronics L2004D8 Datasheet HTML 6Page - Teccor Electronics L2004D8 Datasheet HTML 7Page - Teccor Electronics L2004D8 Datasheet HTML 8Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Sensitive Triacs
Data Sheets
http://www.teccor.com
E1 - 2
©2004 Littelfuse LP
+1 972-580-7777
Thyristor Product Catalog
See “General Notes” on page E1 - 4 and “Electrical Specification Notes” on page E1 - 5.
IT(RMS)
Part No.
VDRM
IGT
IDRM
Isolated
Non-isolated
(11)
TO-92
Compak
TO-220
TO-252
D-Pak
TO-202
TO-251
V-Pak
(1)
Volts
(3) (6) (9)
mAmps
(1) (14)
mAmps
QI
QII
QIII
QIV
TC =
25
°C
TC =
110
°C
MAX
See “Package Dimensions” section for variations. (12)
MIN
MAX
MAX
0.8 A
L2X8E3
L2X3
200
3
3
3
3
0.01
0.1
L4X8E3
L4X3
400
3
3
3
3
0.01
0.1
L6X8E3
L6X3
600
3
3
3
3
0.01
0.1
L2X8E5
L2X5
200
5
5
5
5
0.01
0.1
L4X8E5
L4X5
400
5
5
5
5
0.01
0.1
L6X8E5
L6X5
600
5
5
5
5
0.01
0.1
L2X8E6
200
5
5
5
10
0.01
0.1
L4X8E6
400
5
5
5
10
0.01
0.1
L6X8E6
600
5
5
5
10
0.01
0.1
L2X8E8
200
10
10
10
20
0.01
0.1
L4X8E8
400
10
10
10
20
0.01
0.1
L6X8E8
600
10
10
10
20
0.01
0.1
1A
L201E3
L2N3
200
3333
0.01
0.1
L401E3
L4N3
400
3333
0.01
0.1
L601E3
L6N3
600
3333
0.01
0.1
L201E5
L2N5
200
5555
0.01
0.1
L401E5
L4N5
400
5555
0.01
0.1
L601E5
L6N5
600
5555
0.01
0.1
L201E6
200
5
5
5
10
0.01
0.1
L401E6
400
5
5
5
10
0.01
0.1
L601E6
600
5
5
5
10
0.01
0.1
L201E8
200
10101020
0.01
0.1
L401E8
400
10101020
0.01
0.1
L601E8
600
10101020
0.01
0.1
4A
L2004L3
L2004D3
L2004F31
L2004V3
200
3
3
3
3
0.01
0.2
L4004L3
L4004D3
L4004F31
L4004V3
400
3
3
3
3
0.01
0.2
L6004L3
L6004D3
L6004F31
L6004V3
600
3
3
3
3
0.01
0.2
L2004L5
L2004D5
L2004F51
L2004V5
200
5
5
5
5
0.01
0.2
L4004L5
L4004D5
L4004F51
L4004V5
400
5
5
5
5
0.01
0.2
L6004L5
L6004D5
L6004F51
L6004V5
600
5
5
5
5
0.01
0.2
L2004L6
L2004D6
L2004F61
L2004V6
200
5
5
5
10
0.01
0.2
L4004L6
L4004D6
L4004F61
L4004V6
400
5
5
5
10
0.01
0.2
L6004L6
L6004D6
L6004F61
L6004V6
600
5
5
5
10
0.01
0.2
L2004L8
L2004D8
L2004F81
L2004V8
200
10
10
10
20
0.01
0.2
L4004L8
L4004D8
L4004F81
L4004V8
400
10
10
10
20
0.01
0.2
L6004L8
L6004D8
L6004F81
L6004V8
600
10
10
10
20
0.01
0.2
MT1
G
MT2
G
MT1
MT2
MT1
MT2
G
MT2
MT2
MT1
G
MT1
G
MT2
MT2
MT2
MT2
G
MT1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com