Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE32DSIG Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE32DSIG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE32DSIG Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE32DSIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE32D
39
Figure23. Release Power-Down/Read Device ID Sequence Diagram
Command
0
1
2
3
4
5
6
7
ABH
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
3 Dummy Bytes
23 22
32 33 34 35 36 37 38
7
6
5
4
3
2
1
0
SO
MSB
t RES2
Stand-by Mode
Deep Power-down Mode
High-Z
Device ID
Figure23a. Release Power-Down/Read Device ID Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
ABH
6
7
8
0
1
3
4
5
7
2
6
IOs switch from
Input to Output
3 Dummy Bytes
Device
ID
tRES2
Deep Power-down mode
Stand-by mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com