Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LB128DVJS Datasheet(PDF) 74 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LB128DVJS
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB128DVJS Datasheet(HTML) 74 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB128DVJS Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVJS Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVJS Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVJS Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVJS Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVJS Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVJS Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVJS Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVJS Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 74 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB128D
74
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2017-1-16
1.1
Modify CL (Input Pause Voltage
) from “0.2 to 0.8VCC” to “0.1 to
0.8VCC”
Modify CL (Input Timing Reference Voltage
) from “0.3 to
0.7VCC” to “0.2 to 0.7VCC”
Modify Icc2 max value from 5uA to 8uA
Delete tRST_P and tRST_R
Add tRST, max = 30us
Update the description of SOP8, VSOP8 and WSON8 packages
Add WLCSP package
P60
P60
P61
P62
P62
P66-68
P64, 65, 69
2017-12-21
1.2
Modify VWI max from 1.4V to 1.5V
P59
2017-12-27
1.3
Add 4BH command
Modify the sequence diagram of 42H command
Modify tVSL min value from 5ms to 2.5ms
Modify tPP typ. value from 0.7ms to 0.5ms
Modify tSE from 90-1000ms to 70-400ms
Modify tBE1 from 0.3-1.2s to 0.16-0.8s
Modify tBE2 from 0.5-1.5s to 0.3-1.2s
Modify tCE from 100-200s to 50-120s
P47
P48
P59
P62
P62
P62
P62
P62
2018-8-8
1.4
Add AC/DC parameters @-40
℃ to 105℃
Add AC/DC parameters @-40
℃ to 125℃
P62, 65
P63, 66
2018-9-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com