Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE256D Datasheet(PDF) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE256D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE256D Datasheet(HTML) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE256D Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE256D
7
3.
MEMORY ORGANIZATION
GD25LE256D
Each device has
Each block has
Each sector has
Each page has
32M
64/32K
4K
256
bytes
128K
256/128
16
-
pages
8192
16/8
-
-
sectors
512/1024
-
-
-
blocks
UNIFORM BLOCK SECTOR ARCHITECTURE
GD25LE256D 64K Bytes Block Sector Architecture
Block
Sector
Address range
511
8191
1FFF000H
1FFFFFFH
……
……
……
8176
1FF0000H
1FF0FFFH
510
8175
1FEF000H
1FEFFFFH
……
……
……
8160
1FE0000H
1FE0FFFH
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
2
47
02F000H
02FFFFH
……
……
……
32
020000H
020FFFH
1
31
01F000H
01FFFFH
……
……
……
16
010000H
010FFFH
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com