Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE20CSIG Datasheet(PDF) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE20CSIG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE20CSIG Datasheet(HTML) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE20CSIG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20CSIG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20CSIG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20CSIG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20CSIG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20CSIG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20CSIG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20CSIG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20CSIG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
14
Table3a. GD25LE10C Protected area size (CMP=1)
Status Register Content
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
0
X
X
0
0
0 to 1
000000H-01FFFFH
ALL
ALL
0
0
X
0
1
0
000000H-00FFFFH
64KB
Lower 1/2
0
1
X
0
1
1
010000H-01FFFFH
64KB
Upper 1/2
0
X
X
1
X
NONE
NONE
NONE
NONE
1
X
0
0
0
0 to 1
000000H-01FFFFH
128KB
ALL
1
0
0
0
1
0
000000H-01EFFFH
124KB
Lower 31/32
1
0
0
1
0
0
000000H-01DFFFH
120KB
Lower 15/16
1
0
0
1
1
0
000000H-01BFFFH
112KB
Lower 7/8
1
0
1
0
X
0
000000H-017FFFH
96KB
Lower 3/4
1
0
1
1
0
0
000000H-017FFFH
96KB
Lower 3/4
1
1
0
0
1
1
001000H-01FFFFH
124KB
Upper 31/32
1
1
0
1
0
1
002000H-01FFFFH
120KB
Upper 15/16
1
1
0
1
1
1
004000H-01FFFFH
112KB
Upper 7/8
1
1
1
0
X
1
008000H-01FFFFH
96KB
Upper 3/4
1
1
1
1
0
1
008000H-01FFFFH
96KB
Upper 3/4
1
X
1
1
1
NONE
NONE
NONE
NONE
Table4. GD25LE05C Protected area size (CMP=0)
Status Register Content
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
0
X
X
0
0
NONE
NONE
NONE
NONE
0
X
X
0
1
0
000000H-00FFFFH
64KB
ALL
0
X
X
1
X
0
000000H-00FFFFH
64KB
ALL
1
X
0
0
0
NONE
NONE
NONE
NONE
1
0
0
0
1
0
00F000H-00FFFFH
4KB
Upper 1/16
1
0
0
1
0
0
00E000H-00FFFFH
8KB
Upper 1/8
1
0
0
1
1
0
00C000H-00FFFFH
16KB
Upper 1/4
1
0
1
0
X
0
008000H-00FFFFH
32KB
Upper 1/2
1
0
1
1
0
0
008000H-00FFFFH
32KB
Upper 1/2
1
1
0
0
1
0
000000H-000FFFH
4KB
Lower 1/16
1
1
0
1
0
0
000000H-001FFFH
8KB
Lower 1/8
1
1
0
1
1
0
000000H-003FFFH
16KB
Lower 1/4
1
1
1
0
X
0
000000H-007FFFH
32KB
Lower 1/2
1
1
1
1
0
0
000000H-007FFFH
32KB
Lower 1/2
1
X
1
1
1
0
000000H-00FFFFH
64KB
ALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com