Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE256DFIS Datasheet(PDF) 75 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE256DFIS
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE256DFIS Datasheet(HTML) 75 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE256DFIS Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIS Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIS Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIS Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIS Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIS Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIS Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIS Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIS Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 83 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE256D
75
(T= -40℃~125℃, VCC=1.65~2.0V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency For: all command except for 03H
104
MHz
fR
Serial Clock Frequency For: Read (03H)
80
MHz
tCLH
Serial Clock High Time
4.0
ns
tCLL
Serial Clock Low Time
4.0
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.2
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.2
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time (Read/Write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
1.2
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tHLCH
HOLD# Low Setup Time (Relative To Clock)
5
ns
tHHCH
HOLD# High Setup Time (Relative To Clock)
5
ns
tCHHL
HOLD# High Hold Time (Relative To Clock)
5
ns
tCHHH
HOLD# Low Hold Time (Relative To Clock)
5
ns
tHLQZ
HOLD# Low To High-Z Output
6
ns
tHHQX
HOLD# High To Low-Z Output
6
ns
tCLQV
Clock Low To Output Valid
7
ns
tWHSL
Write Protect Setup Time Before CS# Low
20
ns
tSHWL
Write Protect Hold Time After CS# High
100
ns
tRST
CS# High To Next Command After Reset (Except From Erase)
30
μs
tRST_E
CS# High To Next Command After Reset (From Erase)
12
ms
tDP
CS# High To Deep Power-Down Mode
20
μs
tRES1
CS# High To Standby Mode Without Electronic Signature Read
20
μs
tRES2
CS# High To Standby Mode With Electronic Signature Read
20
μs
tSUS
CS# High To Next Command After Suspend
20
μs
tRS
Latency Between Resume And Next Suspend
100
μs
tW
Write Status Register Cycle Time
10
60
ms
tPP
Page Programming Time
0.5
4
ms
tSE
Sector Erase Time
70
500
ms
tBE
Block Erase Time (32K Bytes)
0.16
1.5
s
tBE
Block Erase Time (64K Bytes)
0.3
3.0
s
tCE
Chip Erase Time (GD25LE256D)
100
300
s
Note:
1. Typical values given for TA=25°C.
2. Value guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com