Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LH40C Datasheet(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LH40C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LH40C Datasheet(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LH40C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40C Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40C Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LH40C/20C/10C/05C
10
4
DEVICE OPERATION
SPI Mode
Standard SPI
The GD25LH40C/20C/10C/05C features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip Select
(CS#), Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are supported. Input data is latched
on the rising edge of SCLK and data shifts out on the falling edge of SCLK.
Dual SPI
The GD25LH40C/20C/10C/05C supports Dual SPI operation when using the
“Dual Output Fast Read” and “Dual I/O Fast
Read
” (3BH and BBH) commands. These commands allow data to be transferred to or from the device at twice the rate of
the standard SPI. When using the Dual SPI command the SI and SO pins become bidirectional I/O pins: IO0 and IO1.
Quad SPI
The GD25LH40C/20C/10C/05C supports Quad SPI operation when using the
“Quad Output Fast Read” (6BH),” Quad I/O
Fast Read” (EBH) commands. These commands allow data to be transferred to or from the device at four times the rate of
the standard SPI. When using the Quad SPI command the SI and SO pins become bidirectional I/O pins: IO0 and IO1, and
WP# and HOLD# pins become IO2 and IO3. Quad SPI commands require the non-volatile Quad Enable bit (QE) in Status
Register to be set.
Hold
Th
e HOLD# signal goes low to stop any serial communications with the device, but doesn’t stop the operation of write status
register, programming, or erasing in progress.
The operation of HOLD, need CS# keep low, and starts on falling edge of the HOLD# signal, with SCLK signal being low (if
SCLK is not being low, HOLD operation will not start until SCLK being low). The HOLD condition ends on rising edge of
HOLD# signal with SCLK being low (If SCLK is not being low, HOLD operation will not end until SCLK being low).
The SO is high impedance, both SI and SCLK don’t care during the HOLD operation, if CS# drives high during HOLD
operation, it will reset the internal logic of the device. To re-start communication with chip, the HOLD# must be at high and
then CS# must be at low.
Figure1. Hold Condition
HOLD
HOLD
CS#
SCLK
HOLD#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com