Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE128DVIS Datasheet(PDF) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE128DVIS
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE128DVIS Datasheet(HTML) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE128DVIS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128DVIS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128DVIS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128DVIS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128DVIS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128DVIS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128DVIS Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128DVIS Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128DVIS Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE128D
15
Disable QPI
FFH
Enable Reset
66H
Reset
99H
NOTE:
1. Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
2. Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8
A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9
A7, A5, A3, A1, M7, M5, M3, M1
3. Quad Output Data
IO0 = (D4, D0, …..)
IO1 = (D5, D1, …..)
IO2 = (D6, D2, …..)
IO3 = (D7, D3,…..)
4. Quad Input Address
IO0 = A20, A16, A12, A8,
A4, A0, M4, M0
IO1 = A21, A17, A13, A9,
A5, A1, M5, M1
IO2 = A22, A18, A14, A10, A6, A2, M6, M2
IO3 = A23, A19, A15, A11, A7, A3, M7, M3
5. Fast Read Quad I/O Data
IO0 = (x, x, x, x, D4, D0,
…)
IO1 = (x, x, x, x, D5, D1,
…)
IO2 = (x, x, x, x, D6, D2,
…)
IO3 = (x, x, x, x, D7, D3,
…)
6. Fast Word Read Quad I/O Data
IO0 = (x, x, D4, D0,
…)
IO1 = (x, x, D5, D1,
…)
IO2 = (x, x, D6, D2,
…)
IO3 = (x, x, D7, D3,
…)
7. Fast Word Read Quad I/O Data: the lowest address bit must be 0.
8. Security Registers Address:
Security Register1: A23-A16=00H, A15-A9=000100b, A9-A0=Byte Address;
Security Register2: A23-A16=00H, A15-A9=001000b, A9-A0=Byte Address;
Security Register3: A23-A16=00H, A15-A9=001100b, A9-A0=Byte Address.
9. QPI Command, Address, Data input/output format:
CLK #0
1
2
3
4
5
6
7
8
9
10
11
IO0= C4, C0,
A20, A16,
A12, A8,
A4, A0,
D4, D0,
D4, D0,
IO1= C5, C1,
A21, A17,
A13, A9,
A5, A1,
D5, D1,
D5, D1
IO2= C6, C2,
A22, A18,
A14, A10,
A6, A2,
D6, D2,
D6, D2
IO3= C7, C3,
A23, A19,
A15, A11,
A7, A3,
D7, D3,
D7, D3
10. Read Serial Flash Discoverable Parameter (SFDP) command is available on special order. Please contact GigaDevice
if this function is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com