Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE32DNJG Datasheet(PDF) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE32DNJG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE32DNJG Datasheet(HTML) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE32DNJG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DNJG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DNJG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DNJG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DNJG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DNJG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DNJG Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DNJG Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DNJG Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE32D
20
7.4 Read Status Register (RDSR) (05H or 35H or 15H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may be read at
any time, even while a Program, Erase or Write Status Register cycle is in progress. When one of these cycles is in
progress, it is recommended to check the Write in Progress (WIP) bit before sending a new command to the device. It is
also possible to read the Status Register continuously. For command code
“05H” / “35H”, the SO will output Status
Register bits S7~S0 / S15-S8. The command
code “15H” only supports the QPI mode, the I/O0 will output Status Register
S1-S0. (For 120MHz Frequency, the 15H will better than 05H to check the WIP bit)
Figure5. Read Status Register Sequence Diagram
Figure5a. Read Status Register Sequence Diagram (QPI)
Figure5b. Read Status Register Sequence Diagram (QPI) (15H)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
15H
S1
S1
S0
S0
S1-S0 out
Command
0
1
2
3
4
5
6
7
05H or 35H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
MSB
S7~S0 or S15~S8 out
S7~S0 or S15~S8 out
MSB
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
05H or 35H
4
4
0
0
5
5
1
1
4
5
6
2
6
2
6
7
3
7
3
7
S7-S0 or S15-S8 out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com