Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD80CTEG Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD80CTEG
Description  1.8V Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD80CTEG Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD80CTEG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CTEG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CTEG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CTEG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CTEG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CTEG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CTEG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CTEG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CTEG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
1.8V Uniform Sector
Standard and Dual Serial Flash
GD25LD80C
39
10.5.
Package USON8 (1.5*1.5mm)
Dimensions
Symbol
A
A1
A2
A3
b
D
E
D1
E1
D2
E2
e
L
L1
K
K1
K2
Unit
mm
Min
0.40 0.00
0.33
REF
0.127
REF
0.13 1.40 1.40
0.20
REF
0.05
REF
0.60 1.20
0.40
REF
0.15
0.06
REF
0.20
REF
0.10
REF
0.15
REF
Nom
0.45 0.02
0.18 1.50 1.50
0.70 1.30
0.20
Max
0.50 0.05
0.25 1.60 1.60
0.80 1.40
0.25
Note:
1. Both the package length and width do not include the mold flash.
2. The exposed metal pad area on the bottom of the package is floating.
3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm.
4. The lead shape may be of little difference according to different package factories. These lead shapes
are compatible with each other.
D
E
Top View
D1
E2
L1
e
Bottom View
A1
Side View
1
4
8
5
K1
PIN 1#
A3
A
K
E1
L
b
K2
D2
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com