Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE64CWIS Datasheet(PDF) 8 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE64CWIS
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE64CWIS Datasheet(HTML) 8 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE64CWIS Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CWIS Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CWIS Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CWIS Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CWIS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CWIS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CWIS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CWIS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CWIS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE64C
8
3. MEMORY ORGANIZATION
GD25LE64C
Each device has
Each block has
Each sector has
Each page has
8M
64/32K
4K
256
bytes
32K
256/128
16
-
pages
2048
16/8
-
-
sectors
128/256
-
-
-
blocks
UNIFORM BLOCK SECTOR ARCHITECTURE
GD25LE64C 64K Bytes Block Sector Architecture
Block
Sector
Address range
127
2047
7FF000H
7FFFFFH
……
……
……
2032
7F0000H
7F0FFFH
126
2031
7EF000H
7EFFFFH
……
……
……
2016
7E0000H
7E0FFFH
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
2
47
02F000H
02FFFFH
……
……
……
32
020000H
020FFFH
1
31
01F000H
01FFFFH
……
……
……
16
010000H
010FFFH
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com