Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE64CLISR Datasheet(PDF) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE64CLISR
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE64CLISR Datasheet(HTML) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE64CLISR Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CLISR Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CLISR Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CLISR Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CLISR Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CLISR Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CLISR Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CLISR Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CLISR Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE64C
77
10.6 Package WLCSP (4x2 functional ball array)
D
E1
b
e
E
A1
A2
A
TOP VIEW
BOTTOM VIEW
SIDE VIEW
e
D1
PIN 1#
F
D
C
A
4
1
3
2
A1 Corner
A1 Corner
E
B
e
½e
4
1
3
2
A
C
D
F
B
E
Backsid e Coa ting: 0.025mm
Dimensions
Symbol
A
A1
A2
D1
E1
b
e
Unit
mm
Min
0.450
0.140
0.260
2.500
BSC
1.500
BSC
0.270
0.500
BSC
Nom
0.475
0.165
0.285
0.300
Max
0.500
0.190
0.310
0.330
Note:
1. Please contact Gigadevice for full dimension information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com