Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE256DFJS Datasheet(PDF) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE256DFJS
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE256DFJS Datasheet(HTML) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE256DFJS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFJS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFJS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFJS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFJS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFJS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFJS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFJS Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFJS Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 83 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE256D
14
Release From Deep
Power-Down, And
Read Device ID
ABH
dummy
dummy
dummy
(ID7-ID0)
(continuous)
Release From Deep
Power-Down
ABH
Deep Power-Down
B9H
Manufacturer/
Device ID
90H
dummy
dummy
00H
(M7-M0)
(ID7-ID0)
(continuous)
Manufacturer/
Device ID by Dual I/O
92H
A23-A8
A7-A0,
M[7:0]
(M7-M0)
(ID7-ID0)
(continuous)
Manufacturer/
Device ID by Quad I/O
94H
A23-A0,
M[7:0]
dummy
(M7-M0)
(ID7-ID0)
(continuous)
Read Identification
9FH
(M7-M0)
(ID15-ID8)
(ID7-ID0)
(continuous)
Read Unique ID
4BH
00H
00H
00H
dummy
(UID7-
UID0)
(continuous)
Read Serial Flash
Discoverable
Parameter(10)
5AH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(continuous)
Erase Security
Registers(8)
44H
A23-A16
A15-A8
A7-A0
Program Security
Registers(8)
42H
A23-A16
A15-A8
A7-A0
D7-D0
D7-D0
Read Security
Registers(8)
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Enable 4-byte Mode
B7H
Disable 4-byte Mode
E9H
Table2.1. Commands (Standard/Dual/Quad SPI) (4-byte mode)
Command Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
Read Data
03H
A31-A24
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
Fast Read
0BH
A31-A24
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Dual Output
Fast Read
3BH
A31-A24
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(1)
Dual I/O
Fast Read
BBH
A31-A24
A23-A8(2)
A7-A0
M7-M0(2)
(D7-D0)(1)
Quad Output
Fast Read
6BH
A31-A24
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(3)
Quad I/O
Fast Read
EBH
A31-A0
M7-M0(4)
dummy(5)
(D7-D0)(3)
Quad I/O Word
Fast Read(7)
E7H
A31-A0
M7-M0(4)
dummy(6)
(D7-D0)(3)
Page Program
02H
A31-A24
A23-A16
A15-A8
A7-A0
D7-D0
Next byte
Quad Page Program
32H
A31-A24
A23-A16
A15-A8
A7-A0
D7-D0
Sector Erase
20H
A31-A24
A23-A16
A15-A8
A7-A0
Block Erase(32K)
52H
A31-A24
A23-A16
A15-A8
A7-A0
Block Erase(64K)
D8H
A31-A24
A23-A16
A15-A8
A7-A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com