Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD40CSJG Datasheet(PDF) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD40CSJG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD40CSJG Datasheet(HTML) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD40CSJG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CSJG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CSJG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CSJG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CSJG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CSJG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CSJG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CSJG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CSJG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD40C/20C
38
10.3.
Package TSSOP8 173MIL
D
E
E1
A
A1
A2
b
e
“A”
L1
L
θ
b
c
Base Metal
Detail
“A”
1
4
8
5
Dimensions
Symbol
A
A1
A2
b
c
D
E
E1
e
L
L1
θ
Unit
mm
Min
-
0.05
0.80
0.19
0.09
2.90
6.20
4.30
0.65
0.45
1.00
0°
Nom
-
0.10
1.00
0.25
0.15
3.00
6.40
4.40
-
-
Max
1.20
0.15
1.05
0.30
0.20
3.10
6.60
4.50
0.75
8°
Notes:
1. Both package length and width do not include mold flash.
2. Seating plane: Max. 0.1mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com