Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE256DYJS Datasheet(PDF) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE256DYJS
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE256DYJS Datasheet(HTML) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE256DYJS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DYJS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DYJS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DYJS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DYJS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DYJS Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DYJS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DYJS Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DYJS Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 83 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE256D
57
7.34. Set Read Parameters (C0H)
In QPI mode the
“Set Read Parameters (C0H)” command can be used to configure the number of dummy clocks for
“Fast Read (0BH)”, “Quad I/O Fast Read (EBH)” , “Burst Read with Wrap (0CH)”, “Burst Read with Wrap for Lower 128Mb
(8CH)
” and “Burst Read with Wrap For Higher 128Mb (8DH)” command, and to configure the number of bytes of “Wrap
Length
” for the “Burst Read with Wrap (0CH)” command. The “Wrap Length” is set by W5-6 bit in the “Set Burst with Wrap
(77H)
” command. This setting will remain unchanged when the device is switched from Standard SPI mode to QPI mode.
P5-P4
Dummy
Clocks
Maximum Read Freq.
P1-P0
Wrap Length
-40~85℃
-40~105℃
-40~125℃
0 0
4
80MHz
60MHz
60MHz
0 0
8-byte
0 1
6
108MHz
80MHz
80MHz
0 1
16-byte
1 0
8
120MHz
104MHz
104MHz
1 0
32-byte
1 1
8
120MHz
104MHz
104MHz
1 1
64-byte
Figure36. Set Read Parameters command Sequence Diagram
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
Command
C0H
P4 P0
P6 P2
P7 P3
P5 P1
Read
Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com