Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE256DWES Datasheet(PDF) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE256DWES
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE256DWES Datasheet(HTML) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE256DWES Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DWES Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DWES Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DWES Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DWES Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DWES Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DWES Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DWES Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DWES Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE256D
59
7.36. Burst Read with Wrap for Lower 128Mb (8CH)
The
“Burst Read with Wrap for Lower 128Mb (8CH)” command provides an alternative way to perform the read
operation with
“Wrap Around” in QPI mode. This command is similar to the “Fast Read (0BH)” command in QPI mode,
except the addressing of the read operation will
“Wrap Around” to the beginning boundary of the “Wrap Around” once the
ending boundary is reached. The
“Wrap Length” and the number of dummy clocks can be configured by the “Set Read
Parameters (C0H)
” command. The “Burst Read with Wrap for Lower 128Mb (8CH)” command will read out the memory
content from 000000H to 0FFFFFFH.
The “Burst Read with Wrap for Lower 128Mb (8CH)” command sequence: CS# goes low  sending The “Burst Read
with Wrap for Lower 128Mb (8CH)
” command  sending 3-byte address (A23-A0, The A24 default value is 0)  sending
dummy byte  then data out.
Figure38. Burst Read with Wrap for Lower 128Mb command Sequence Diagram
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
8CH
20
12
16
8
6
7
8
9
10
4
0
4
0
4
0
4
21
13
17
9
5
1
5
1
5
1
5
22
14
18
10
6
2
6
2
6
2
6
23
15
19
11
7
3
7
3
7
3
7
A23-16
A15-8
A7-0
Dummy*
11
12 13
14
IOs switch from
Input to output
Byte1
Byte2
Byte3
*"Set Read Parameters" Command (C0H)
can set the number of dummy clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com