Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LQ32DSJS Datasheet(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LQ32DSJS
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LQ32DSJS Datasheet(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LQ32DSJS Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DSJS Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DSJS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DSJS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DSJS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DSJS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DSJS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DSJS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DSJS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LQ32D
10
1
1
1
0
X
0
000000H-007FFFH
32KB
Bottom Block
1
1
1
1
0
0
000000H-007FFFH
32KB
Bottom Block
Table1a. GD25LQ32D Protected area size (CMP=1)
Status Register Content
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
X
X
0
0
0
ALL
000000H-3FFFFFH
4MB
ALL
0
0
0
0
1
0 to 62
000000H-3EFFFFH
4032KB
Lower 63/64
0
0
0
1
0
0 to 61
000000H-3DFFFFH
3968KB
Lower 31/32
0
0
0
1
1
0 to 59
000000H-3BFFFFH
3840KB
Lower 15/16
0
0
1
0
0
0 to 55
000000H-37FFFFH
3584KB
Lower 7/8
0
0
1
0
1
0 to 47
000000H-2FFFFFH
3MB
Lower 3/4
0
0
1
1
0
0 to 31
000000H-1FFFFFH
2MB
Lower 1/2
0
1
0
0
1
1 to 63
010000H-3FFFFFH
4032KB
Upper 63/64
0
1
0
1
0
2 to 63
020000H-3FFFFFH
3968KB
Upper 31/32
0
1
0
1
1
4 to 63
040000H-3FFFFFH
3840KB
Upper 15/16
0
1
1
0
0
8 to 63
080000H-3FFFFFH
3584KB
Upper 7/8
0
1
1
0
1
16 to 63
100000H-3FFFFFH
3MB
Upper 3/4
0
1
1
1
0
32 to 63
200000H-3FFFFFH
2MB
Upper 1/2
X
X
1
1
1
NONE
NONE
NONE
NONE
1
0
0
0
1
0 to 63
000000H-3FEFFFH
4092KB
L-1023/1024
1
0
0
1
0
0 to 63
000000H-3FDFFFH
4088KB
L-511/512
1
0
0
1
1
0 to 63
000000H-3FBFFFH
4080KB
L-255/256
1
0
1
0
X
0 to 63
000000H-3F7FFFH
4064KB
L-127/128
1
0
1
1
0
0 to 63
000000H-3F7FFFH
4064KB
L-127/128
1
1
0
0
1
0 to 63
001000H-3FFFFFH
4092KB
U-1023/1024
1
1
0
1
0
0 to 63
002000H-3FFFFFH
4088KB
U-511/512
1
1
0
1
1
0 to 63
004000H-3FFFFFH
4080KB
U-255/256
1
1
1
0
X
0 to 63
008000H-3FFFFFH
4064KB
U-127/128
1
1
1
1
0
0 to 63
008000H-3FFFFFH
4064KB
U-127/128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com