Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD40CQJG Datasheet(PDF) 44 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD40CQJG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD40CQJG Datasheet(HTML) 44 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD40CQJG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQJG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQJG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQJG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQJG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQJG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQJG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQJG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CQJG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD40C/20C
44
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
ALL
2017-6-22
1.1
Modify AC CHARACTERISTICS: fc,fR
P27
2017-6-29
1.2
Modify VWI in Table 3 from 1.4 to 1.5
Add Icc3 at 50MHz. Typ.= 6mA; Max. = 8mA
P24
P24
2017-7-10
1.3
Add WSON8 (6*5) Package
P36
2017-7-25
1.4
Add USON8 (4*4mm, 0.45 thickness) Package
Modify tpp max. value from 4ms to 6ms
Add Transient Input / Output Voltage (note: overshoot) of “-2.0
to VCC+2.0
”
P36
P27
P24
2017-8-8
1.5
Modify the description of 60/C7H command: delete “or all 1” at
the end of the last but one sentence
Modify tw from 4-30ms to 5-40ms
Add Icc8 in DC CHARACTERISTICS, of which the max. value is
10mA.
Add tBP1 of 15-30us and tBP2 of 2.5-5us in AC
CHARACTERISTICS.
Modify Applied Input/Output Voltage from “-0.5 to VCC+0.4” to “-
0.6 to VCC+0.4”
Modify tCE of GD25LD40C from 5-10s to 6-15s.
Modify tCE of GD25LD20C from 2.5-6s to 3-7.5s
Modify tBE(64K Bytes) max. value from 2.5s to 3s
P20
P27
P26
P27
P24
P27
P27
P27
2017-8-28
1.6
Modify Icc3 @40MHz from 6-8mA to 3-6mA
Modify Icc3 @50MHz from 6-8mA to 3-6mA
Update the description of all packages
P26
P26
P31-37
2018-1-4
1.7
Modify Icc1 max. value from 1uA to 2uA
Modify Icc2 max. value from 1uA to 2uA
Modify tBP1 from 15~30us to 40~97us
Modify tBP2 from 2.5~5us to 5~10us
Add “E1” values to the dimension table of USON8 4x4 package
Modify tVSL min value from 5ms to 0.5ms
Add “J” and “E” to 7th code of Ordering Information
P26
P26
P27
P27
P36
P24
P29
2018-4-19
1.8
Modify tVSL min value from 0.5ms to 0.3ms
Modify Ordering Information
P24
P29, 30
2018-5-21
1.9
Add 4BH command
Modify VWI max value from 1.5V to 1.55V
Add AC/DC Parameters @-40
℃~105℃
Add AC/DC Parameters @-40℃~125℃
Add package of USON8 (1.5x1.5mm)
P23
P24
P27, 30
P28, 31
P40
2018-11-6
2.0
Modify Icc3 typ. value @50MHz (x1) from 3mA to 1.3mA
Modify Icc3 typ. value @40MHz (x1, x2) from 3mA to 1.6mA
Modify Icc3 max. value @50MHz (x1) @-40℃-85℃ from 6mA
P26, 27, 28
P26, 27, 28
P26
2019-4-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com