Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LQ64CVJS Datasheet(PDF) 75 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LQ64CVJS
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LQ64CVJS Datasheet(HTML) 75 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LQ64CVJS Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ64CVJS Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ64CVJS Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ64CVJS Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ64CVJS Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ64CVJS Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ64CVJS Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ64CVJS Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ64CVJS Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LQ64C
75
11. REVISION HISTORY
Version
No
Description
Page
Date
1.0
Initial Release
Update AC CHARACTERISTICS: tSE typical 130ms change to 90ms
Update DC CHARACTERISTICS: ICC1 typical 25ms change to 35ms
Update DC CHARACTERISTICS: ICC1 max 40ms change to 50ms
---
Mar. 5, 2014
1.1
Update DC CHARACTERISTICS: ICC3 condition 120MHz change to
133MHz
---
Apr. 8,2014
1.2
Modify Quad SPI mode description
Modify Data Protection description
Modify BP4, BP3, BP2, BP1, BP0 description
Add note on SRP1, SRP0 bits
Modify Security Register Address
Modify Command Description of 01H
Add note on Read SFDP command
---
Apr. 28,2014
1.3
Update DC CHARACTERISTICS: ICC4, ICC5, ICC6, ICC7 max 10mA
change to max 20mA
Update DC CHARACTERISTICS: ICC3 Test Condition Q=Open(*1 I/O)
change to Q=Open(*1,*2,*4 I/O)
---
Jul. 11, 2014
1.4
Modify Package WSON 8 (6*5mm)
---
Jun. 11, 2015
1.5
Modify Package VSOP8 208MIL
---
July.15,2015
1.6
Add Package USON8 (4*4mm, 0.45 thickness)
---
Oct. 8,2015
1.7
Modify AC CHARACTERISTICS: tCHCL Min.0.2 V/ns Change to 0.1
V/ns
tCLCH Min.0.2 V/ns Change to 0.1 V/ns
---
Nov. 11,2015
1.8
Modify Typo
---
Jan. 4,2016
1.9
Modify DC CHARACTERISTICS
Modify PACKAGE INFORMATION
---
Feb. 24,2016
2.0
Modify General Description
Delete Data Retention and endurance
Delete Latch up characteristics
Modify Absolute maximum Ratings: Delete Output Short Circuit
Current 200mA
---
Feb. 26,2016
2.1
Modify Ordering information
---
Jun. 2,2016
2.2
Modify Features: Add Allows XIP(execute in place)operation
---
Jul. 6,2016
2.3
Update Package WSON8 6*5mm
Update Ordering information
Modify Ordering information: Add Valid Part Numbers
Add
Transient
Input/Output
Volatge
(note:overshoot):-2.0
to
(VCC+2.0)V
Modify VCC:-0.6 to (VCC+0.4)V Change to -0.6 to 2.5V
---
Jul. 27,2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com